データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT750 データシート(PDF) 2 Page - Diodes Incorporated

部品番号 BAT750
部品情報  0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT750 データシート(HTML) 2 Page - Diodes Incorporated

  BAT750 Datasheet HTML 1Page - Diodes Incorporated BAT750 Datasheet HTML 2Page - Diodes Incorporated BAT750 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT750
Issue 2 - May 2008
2
www.zetex.com
© Zetex Semiconductors plc 2008
Absolute maximum ratings
Electrical characteristics (@ Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Limit
Unit
Collector reverse voltage
VR
40
V
RMS reverse voltage
VR(RMS)
28
V
Forward current (continuous)
IF
750
mA
Forward voltage @ IF = 750mA
VF
490
mV
Average peak forward current; DC = 50%
IFAV
1500
mA
Non repetitive forward current
t 100 S
t 8.3ms
IFSM
12
5.5
A
Power dissipation @ Tamb = 25°C
Ptot
350
mW
Typical thermal resistance, junction to ambient air
R JA
286
°C/W
Storage temperature range
Tstg
-55 to +150
°C
Junction temperature
Tj
125
°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown
voltage
V(BR)R
40
60
V
IR = 300 A
Forward voltage
VF
225
280
mV
IF = 50mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width = 300
duty cycle
2%.
235
310
mV
IF = 100mA(*)
290
350
mV
IF = 250mA(*)
340
420
mV
IF = 500mA(*)
390
490
mV
IF = 750mA(*)
440
540
mV
IF = 1000mA(*)
530
650
mV
IF = 1500mA(*)
Reverse current
IR
50
100
AVR = 30V
Diode capacitance
CD
25
-
pF
VR = 25V, f = 1.0MHz
Reverse recovery time
trr
5-
ns
IF = IR = 100mA,
Irr = 10mA


同様の部品番号 - BAT750

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAT750 DIODES-BAT750 Datasheet
62Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 4 - 2
BAT750 DIODES-BAT750 Datasheet
391Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 10 - 2
logo
Galaxy Semi-Conductor H...
BAT750 BILIN-BAT750 Datasheet
185Kb / 3P
   Schottky barrier diode
logo
Zetex Semiconductors
BAT750 ZETEX-BAT750 Datasheet
287Kb / 6P
   SOT23 Schottky barrier diode
logo
Pan Jit International I...
BAT750 PANJIT-BAT750 Datasheet
108Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

同様の説明 - BAT750

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAT750 DIODES-BAT750_15 Datasheet
133Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAT750 DIODES-BAT750_1 Datasheet
391Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 10 - 2
BAT750 DIODES-BAT750 Datasheet
62Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 4 - 2
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com