データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11995H データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LB11995H
部品情報  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11995H データシート(HTML) 4 Page - Sanyo Semicon Device

  LB11995H Datasheet HTML 1Page - Sanyo Semicon Device LB11995H Datasheet HTML 2Page - Sanyo Semicon Device LB11995H Datasheet HTML 3Page - Sanyo Semicon Device LB11995H Datasheet HTML 4Page - Sanyo Semicon Device LB11995H Datasheet HTML 5Page - Sanyo Semicon Device LB11995H Datasheet HTML 6Page - Sanyo Semicon Device LB11995H Datasheet HTML 7Page - Sanyo Semicon Device LB11995H Datasheet HTML 8Page - Sanyo Semicon Device LB11995H Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LB11995H
No. 6116-4/10
Truth Table
Pin Assignment
Input:
H: Input 1 is higher in potential than input 2 by at least 0.2V.
L: Input 1 is lower in potential than input 2 by at least 0.2V.
VC
Brake Operation Truth Table
1
P-GND
28 VOUT
2
WOUT
27 UOUT
3
NC
26 VCC2
4
VC
25 VCC3
5
VCREF
24 NC
6
FC
FRAME GND
23 RF
7
LMC
22 VCC1
FRAME GND
8
S-GND
21 UIN2
9
NC
20 UIN1
10
NC
19 VIN2
11
S/S
18 VIN1
12
BRAKE
17 WIN2
13
FG
16 WIN1
14
RS
HSOP-28H-C
15 VH
LB11995H
A12350
Top view
BRAKE pin
H
Low or open
Operation
Short brake
Normal rotation
Hall input
Control
UV
W
Phase W –> Phase V
H
Phase V –> Phase W
L
Phase W –> Phase U
H
Phase U –> Phase W
L
Phase V –> Phase W
H
Phase W –> Phase V
L
Phase U –> Phase V
H
Phase V –> Phase U
L
Phase V –> Phase U
H
Phase U –> Phase V
L
Phase U –> Phase W
H
Phase W –> Phase U
L
Source –
> Sink
1
2
3
4
5
6
H
H
H
H
H
H
H
H
H
L
L
L
L
L
L
L
L
L


同様の部品番号 - LB11995H

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

同様の説明 - LB11995H

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com