データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11997H データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LB11997H
部品情報  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11997H データシート(HTML) 1 Page - Sanyo Semicon Device

  LB11997H Datasheet HTML 1Page - Sanyo Semicon Device LB11997H Datasheet HTML 2Page - Sanyo Semicon Device LB11997H Datasheet HTML 3Page - Sanyo Semicon Device LB11997H Datasheet HTML 4Page - Sanyo Semicon Device LB11997H Datasheet HTML 5Page - Sanyo Semicon Device LB11997H Datasheet HTML 6Page - Sanyo Semicon Device LB11997H Datasheet HTML 7Page - Sanyo Semicon Device LB11997H Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LB11997H
No. 6231-1/8
LB11997H
Three-Phase Brushless Motor Driver
for CD-ROM Spindle Drive
Monolithic Digital IC
The LB11997H is a 3-phase brushless motor driver
especially suited for CD-ROM spindle motor drives.
Functions
• Current linear drive
• Control V type amplifier
• Separate power supply for output upper side bias
circuit allows low output saturation by boosting this
power supply only (useful for 5V power supply types).
• Upper side current detection technique reduces loss
voltage of current detection resistor. Voltage drop
caused by this resistor reduces internal power
dissipation of IC.
• Built-in short braking circuit
• Built-in reverse blocking circuit
• Hall FG output
• Built-in S/S function
• Built-in current limiter circuit (selectable, 2 steps)
• Built-in Hall power supply
• Built-in thermal shutdown circuit
• Supports 3.3V DSP
Package Dimensions
unit: mm
3234-HSOP28H-C
[LB11997H]
Overview
SANYO : HSOP28H-C
Ordering number : ENN*6231
81299RM(KI)
Preliminary
6.2
28
15
1
0.8
15.3
2.7
0.3
0.25
0.85
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


同様の部品番号 - LB11997H

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11990W SANYO-LB11990W Datasheet
151Kb / 14P
   Three-Phase Brushless Motor Driver
LB11993W SANYO-LB11993W Datasheet
167Kb / 15P
   Monolithic Digital IC For Digital Video Camera Three-phase Brushless 3-in-1 Motor Driver
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
More results

同様の説明 - LB11997H

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com