データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8362ARU データシート(PDF) 3 Page - Analog Devices

部品番号 AD8362ARU
部品情報  50 Hz to 3.8 GHz 65 dB TruPwr??Detector
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8362ARU データシート(HTML) 3 Page - Analog Devices

  AD8362ARU Datasheet HTML 1Page - Analog Devices AD8362ARU Datasheet HTML 2Page - Analog Devices AD8362ARU Datasheet HTML 3Page - Analog Devices AD8362ARU Datasheet HTML 4Page - Analog Devices AD8362ARU Datasheet HTML 5Page - Analog Devices AD8362ARU Datasheet HTML 6Page - Analog Devices AD8362ARU Datasheet HTML 7Page - Analog Devices AD8362ARU Datasheet HTML 8Page - Analog Devices AD8362ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD8362
Rev. D | Page 3 of 32
SPECIFICATIONS
VS = 5 V, T = 25°C, ZO = 50 Ω, differential input drive via balun1, VTGT connected to VREF, VOUT tied to VSET, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Maximum Input Frequency
3.8
GHz
Input Power Range (Differential)
dB referred to 50 Ω impedance level, f ≤ 2.7 GHz, into 1:4 balun1
Nominal Low End of Range
−52
dBm
Nominal High End of Range
8
dBm
Input Voltage Range (Differential)
RMS voltage at input terminals, f ≤ 2.7 GHz, into input of the device
Nominal Low End of Range
1.12
mV rms
Nominal High End of Range
1.12
V rms
Input Power Range (S-Sided)
Single-ended drive, CW input, f ≤ 2.7 GHz, into input resistive network2
Nominal Low End of Range
−40
dBm
Nominal High End of Range
0
dBm
Input Voltage Range (S-Sided)
RMS voltage at input terminals, f ≤ 2.7 GHz
Nominal Low End of Range
2.23
mV rms
Nominal High End of Range
2.23
V rms
Input Power Range (S-Sided)
Single-ended drive, CW input, f ≥ 2.7 GHz, into matched input network3
Nominal Low End of Range
−35
dBm
Nominal High End of Range
124
dBm
Output Voltage Range
RL ≥ 200 Ω to ground
Nominal Low End of Range
100
mV
Nominal High End of Range
In general, VS − 0.1 V
4.9
V
Output Scaling (Log Slope)
50
mV/dB
Law Conformance Error
Over central 60 dB range, f ≤ 2.7 GHz
±0.5
dB
RF INPUT INTERFACE
Pin INHI, Pin INLO, ac-coupled, at low frequencies
Input Resistance
Single-ended drive, with respect to DECL
100
Ω
Differential drive
200
Ω
OUTPUT INTERFACE
Pin VOUT
Available Output Range
RL ≥ 200 Ω to ground
0.1
4.9
V
Absolute Voltage Range
Nominal Low End of Range
Measurement mode, f = 900 MHz, PIN = −52 dBm
0.32
0.48
V
Nominal High End of Range
Measurement mode, f = 900 MHz, PIN = +8 dBm
3.44
3.52
V
Source/Sink Current
VOUT held at VS/2, to 1% change
48
mA
Slew Rate Rising
CL = open
60
V/μs
Slew Rate Falling
CL = open
5
V/μs
Rise Time, 10% to 90%
0.2 V to 1.8 V, CLPF = Open
45
ns
Fall Time, 90% to 10%
1.8 V to 0.2 V, CLPF = Open
0.4
μs
Wideband Noise
CLPF = 1000 pF, fSPOT ≤ 100 kHz
70
nV/√Hz
VSET INTERFACE
Pin VSET
Nominal Input Voltage Range
To ±1 dB error
0.5
3.75
V
Input Resistance
68
Scaling (Log Slope)
f = 900 MHz
46
50
54
mV/dB
Scaling (Log Intercept)
f = 900 MHz, into 1:4 balun
−64
−60
−56
dBm
−77
−73
−69
dBV
VOLTAGE REFERENCE
Pin VREF
Output Voltage
25°C
1.225
1.25
1.275
V
Temperature Sensitivity
−40°C ≤ TA ≤ +85°C
0.08
mV/°C
Output Resistance
8
Ω


同様の部品番号 - AD8362ARU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8362ARU AD-AD8362ARU Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
AD8362ARU-REEL7 AD-AD8362ARU-REEL7 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
AD8362ARUZ-REEL71 AD-AD8362ARUZ-REEL71 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
AD8362ARUZ1 AD-AD8362ARUZ1 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
More results

同様の説明 - AD8362ARU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
AD8363 AD-AD8363 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
AD8363 AD-AD8363_09 Datasheet
2Mb / 36P
   50 Hz to 6 GHz, 50 dB TruPwr??Detector
REV. 0
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
AD8362 AD-AD8362 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com