データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBTH10-7-F データシート(PDF) 1 Page - Diodes Incorporated

部品番号 MMBTH10-7-F
部品情報  NPN SURFACE MOUNT VHF/UHF TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTH10-7-F データシート(HTML) 1 Page - Diodes Incorporated

  MMBTH10-7-F Datasheet HTML 1Page - Diodes Incorporated MMBTH10-7-F Datasheet HTML 2Page - Diodes Incorporated MMBTH10-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBTH10
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
Features
Designed for VHF/UHF Amplifier Applications and High
Output VHF Oscillators
High Current Gain Bandwidth Product
Ideal for Mixer and RF Amplifier Applications with
collector currents in the 100
μA - 30 mA Range
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 3 and 4)
Qualified to AEC-Q101 Standards for High
Reliability
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
Marking Information: K3H, K3Y; See Page 3
Ordering Information: See Page 3
Weight: 0.008 grams (approximate)
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
C
B
E
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
3.0
V
Collector Current - Continuous (Note 1)
IC
50
mA
Power Dissipation (Note 1)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Emitter Breakdown Voltage
V(BR)CEO
25
V
IC = 1mA, IB = 0
Collector-Base Breakdown Voltage
V(BR)CBO
30
V
IC = 100μA, IE = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
3.0
V
IE = 10μA, IC = 0
Collector Cutoff Current
ICBO
100
nA
VCB = 25V, IE = 0
Emitter Cutoff Current
IEBO
100
nA
VEB = 2V, IC = 0
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
60
IC = 4mA, VCE = 10.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
0.5
V
IC = 4mA, IB = 400μA
Base-Emitter On Voltage
VBE(SAT)
0.95
V
IC = 4mA, VCE = 10.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
650
MHz
VCE = 10V, f = 100MHz, IC = 4mA
Collector-Base Capacitance
CCB
0.7
pF
VCB = 10V, f = 1.0MHz, IE = 0
Collector-Base Feedback Capacitance
CRB
0.65
pF
VCB = 10V, f = 1.0MHz, IE = 0
Collector-Base Time Constant
Rb’Cc
9
ps
VCB = 10V, f = 31.8MHz, IC = 4mA
Notes:
1.
Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch, pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Short duration pulse test used to minimize self-heating effect.
3.
No purposefully added lead. Halogen and Antimony Free.
4.
Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS31031 Rev. 12 - 2
1 of 3
www.diodes.com
MMBTH10
© Diodes Incorporated
Please click here to visit our online spice models database.


同様の部品番号 - MMBTH10-7-F

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
MMBTH10-7-F DIODES-MMBTH10-7-F Datasheet
307Kb / 3P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 11 - 2
More results

同様の説明 - MMBTH10-7-F

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
MMBTH24 DIODES-MMBTH24 Datasheet
47Kb / 2P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 6 - 2
MMBTH24 DIODES-MMBTH24_2 Datasheet
563Kb / 3P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
MMBTH24 DIODES-MMBTH24_1 Datasheet
310Kb / 3P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31034 Rev. 12 - 2
MMBTH10 DIODES-MMBTH10_15 Datasheet
557Kb / 3P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
MMBTH10 DIODES-MMBTH10 Datasheet
55Kb / 2P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 4 - 2
MMBTH10 DIODES-MMBTH10_1 Datasheet
307Kb / 3P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 11 - 2
MMBTH24 DIODES-MMBTH24_15 Datasheet
563Kb / 3P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
logo
Motorola, Inc
MMT918 MOTOROLA-MMT918 Datasheet
34Kb / 1P
   NPN VHF/UHF TRANSISTOR
logo
ON Semiconductor
MMBTH10M3T5G ONSEMI-MMBTH10M3T5G Datasheet
125Kb / 5P
   NPN VHF/UHF Transistor
January, 2009 ??Rev. 0
logo
NTE Electronics
NTE2643 NTE-NTE2643 Datasheet
22Kb / 2P
   Silicon NPN Transistor, VHF/UHF Low Noise Amp (Surface Mount)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com