データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1661 データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 LB1661
部品情報  2-Phase Unipolar Brushless Motor Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1661 データシート(HTML) 7 Page - Sanyo Semicon Device

  LB1661 Datasheet HTML 1Page - Sanyo Semicon Device LB1661 Datasheet HTML 2Page - Sanyo Semicon Device LB1661 Datasheet HTML 3Page - Sanyo Semicon Device LB1661 Datasheet HTML 4Page - Sanyo Semicon Device LB1661 Datasheet HTML 5Page - Sanyo Semicon Device LB1661 Datasheet HTML 6Page - Sanyo Semicon Device LB1661 Datasheet HTML 7Page - Sanyo Semicon Device LB1661 Datasheet HTML 8Page - Sanyo Semicon Device LB1661 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(4) Lock detect threshold voltage
The LB1660 series have the function to stop the output drive after the lapse of a given period of time when a motor is
locked, and period of time can be set by C, R3.
The CR pin peripheral equivalent circuit is shown below. The LB1660 series generate the CR pin discharge pulse when the
phase changes, (detection of rotation). When a motor is locked (very low rotational speed), the C connected to the CR pin
stops discharging and the CR pin voltage rises. When the CR pin voltage exceeds the threshold voltage (VIN × 0.8), the
output drive current becomes zero and the output transistor is turned off, and the RD pin output turns from ‘‘L’’ to ‘‘H’’. The
RD pin output is of the open collector type.
CR Pin Peripheral Circuit
[Setting Method of Lock Detect Time]
(1) Generation of discharge pulse
Electric charges on C charged through R3 are discharged via route of C
→ r → TRr with constant width pulses at each phase
change. When a fan has a high rotational speed, a lot of discharge pulses are generated and the CR pin voltage (=VCR) drops.
By contrast, when a fan has a low rotational speed, VCR rises and the protector is operated.
The discharge pulses are generated by two methods as shown below.
1 Generated internally at the time of phase change. The power transistor base storage time is used for discharge pulses.
t = 15 to 30 µsec
2 When the kickback voltage induced by L of a motor coil is absorbed by the zener diode across collector and base of the
output transistor, this interval of time during which the transistor is turned on is used for discharge pulses.
Therefore, the LB1661,1665 or LB1660N, 1664N use external zener diodes and capacitors, discharge occurs with pulses
of 1 only and VCR voltage gets higher than the circuit generating discharge pulses of 2 even if the CR time constant
is the same.
Output transistor drive
Discharge pulse
CR pin voltage
RD pin
Motor lock
Output off
0.8 c VIN
LB1660N, 1661, 1664N, 1665
No.2551-7/9


同様の部品番号 - LB1661

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1662D SANYO-LB1662D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
LB1662M SANYO-LB1662M Datasheet
72Kb / 6P
   DC Fan Motor Drivers
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
   2-Phase Unipolar Brushless Motor Drivers
More results

同様の説明 - LB1661

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
   2-Phase Unipolar Brushless Motor Drivers
logo
ON Semiconductor
LB1668 ONSEMI-LB1668 Datasheet
90Kb / 8P
   2-Phase Unipolar Brushless Motor Drivers
May, 2013
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
   Two-Phase Unipolar Drive Brushless Motor Drivers
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanyo Semicon Device
LB1669 SANYO-LB1669 Datasheet
69Kb / 5P
   2-Phase Unipolar Brushless Motor Driver
logo
ON Semiconductor
LB1668M ONSEMI-LB1668M Datasheet
254Kb / 10P
   2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com