データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1695M データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LB1695M
部品情報  DC Fan Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1695M データシート(HTML) 5 Page - Sanyo Semicon Device

  LB1695M Datasheet HTML 1Page - Sanyo Semicon Device LB1695M Datasheet HTML 2Page - Sanyo Semicon Device LB1695M Datasheet HTML 3Page - Sanyo Semicon Device LB1695M Datasheet HTML 4Page - Sanyo Semicon Device LB1695M Datasheet HTML 5Page - Sanyo Semicon Device LB1695M Datasheet HTML 6Page - Sanyo Semicon Device LB1695M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LB1695M Functional Description
1. Hall input circuit
The Hall input circuit is a differential amplifier with a hysteresis of 30 mV (typical). The operating DC level must fall
within the common-mode input voltage range (1.5 V to VCC - 1.8 V). We recommend providing inputs with a swing
of at least three times the hysteresis, i.e. 120 to 160 mV p-p, to prevent noise from interfering with circuit operation.
Insert capacitors in the Hall amplifier IN+ and INinputs if capacity is found to be problematic during noise
evaluation.
2. Protection circuits
• Low voltage protection circuit
If the VCC voltage falls below a stipulated level (VLVSD), the sink side output transistor is turned off. This circuit
prevents incorrect operation at low VCC voltages.
• Thermal protection circuit
If the junction temperature exceeds a stipulated temperature (TSD), the sink side output transistor is turned off. This
circuit protects the IC from thermal damage. Applications must be designed so that this circuit only operates in
abnormal conditions.
3. FG output circuit
This circuit outputs signals that are synthesized from the IN1, IN2, and IN3 Hall amplifier input signals and to which
wave shaping has been applied. FG1 has the same frequency as the Hall inputs, and FG2 has a frequency three times
that of the Hall inputs.
4. Forward/reverse control circuit
This IC is designed assuming that applications will not perform motor forward/reverse (F/R) control operations while
the motor is turning. Through currents will flow in the output if the motor direction is switched while the motor is
turning and ASO will become a problem. We recommend performing F/R control operations with the VM power
supply in the off state, i.e. when the motor is stopped.
5. VCC and VM power supplies
If the power supply slew rate at power on is excessive, through currents will flow in the output and ASO will become
a problem. The power supply slew rates must not exceed
∆V
CC/∆t = 0.04 V/µs and ∆VM/∆t = 0.16 V/µs. Also, at
power on it is desirable to bring up the VCC voltage first, and then bring up the VM voltage. At power off, it is
desirable to bring down VM first, and then bring down VCC only after the motor has stopped. If VCC is turned off
after VM but while the motor is still turning due to inertia, the VM voltage may rise beyond the voltage handling
capacity of the IC.
6. Power supply stabilization capacitors
If large fluctuation occur in the VCC line, the low-voltage protection circuit may operate incorrectly. Capacitors (with
values of a few µF) must be inserted in the VCC line (between VCC and ground) to stabilize the power supply. Since
large switching current flow in the VM line, fluctuations in the IC VM voltage may occur due to inductances in the
wiring pattern. Capacitors must be inserted in the VM line (between VM and ground) so that incorrect operation and
voltages in excess of the IC voltage handling capacity do not occur. In particular, if the application wiring lines (VM,
VCC, and ground) are long, capacitors adequate to stabilize the power supply lines must be used.
7. Current limiter circuit
When the output current reaches the current set as the output current (the limit value), the current limiter circuit turns
off the sink side output transistor to limit the output current to the limit value. The RF pin is used to detect the output
current. In particular, the output current is detected as a voltage using the Rf resistor, which is inserted between the
RF pin and ground. The current limiter operates when the Rf pin reaches 0.5 V (typical) and thus the output current is
limited to a value of 0.5/Rf.
• Output off time
After the current limiter circuit operates and limits the current by turning off the sink side output transistor, it provides
a fixed off period (referred to as the output off time), after which it turns the transistor back on. As opposed to current
limiter techniques that operated the output in an unsaturated state, the use of an output switching system of this type for
the current limiter has the advantage that ASO during current limiter operation is less likely to be a problem. The
output off time is determined by the charging time of the capacitor connected to the C pin. When the current limiter
operates, the circuit starts to charge the C pin capacitor, and the output off time is the time required to charge the
capacitor to a voltage of 2 V (typical). When the capacitor voltage reaches 2 V, the sink side output is turned on again.
The capacitor charge current is a fixed current determined by the resistor R connected to the R pin. The C charge
No. 5802-5/7
LB1695M


同様の部品番号 - LB1695M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
LB1695D SANYO-LB1695D Datasheet
91Kb / 9P
   LB1695D
More results

同様の説明 - LB1695M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
   DC Fan Motor Driver
LB1976 SANYO-LB1976 Datasheet
91Kb / 12P
   DC Fan Motor Driver
logo
Hitachi Semiconductor
HA13460FP HITACHI-HA13460FP Datasheet
76Kb / 4P
   BRUCHLESS DC FAN MOTOR DRIVER
logo
Unisonic Technologies
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
logo
Toshiba Semiconductor
TA8420AF TOSHIBA-TA8420AF Datasheet
442Kb / 11P
   1 CHIP DC FAN MOTOR DRIVER
logo
Unisonic Technologies
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
   2-PHASE DC-FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com