データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3117D2 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3117D2
部品情報  15-W Filter-Free Stereo Class-D Audio Power Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3117D2 データシート(HTML) 3 Page - Texas Instruments

  TPA3117D2 Datasheet HTML 1Page - Texas Instruments TPA3117D2 Datasheet HTML 2Page - Texas Instruments TPA3117D2 Datasheet HTML 3Page - Texas Instruments TPA3117D2 Datasheet HTML 4Page - Texas Instruments TPA3117D2 Datasheet HTML 5Page - Texas Instruments TPA3117D2 Datasheet HTML 6Page - Texas Instruments TPA3117D2 Datasheet HTML 7Page - Texas Instruments TPA3117D2 Datasheet HTML 8Page - Texas Instruments TPA3117D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TPA3117D2
www.ti.com
SLOS672 – OCTOBER 2010
DC CHARACTERISTICS
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0V, Gain = 18.2dB
1.5
15
mV
differentially)
ICC
Quiescent supply current
SD = 2V, no load, VCC = 26V
25
50
mA
ICC(SD)
Quiescent supply current in shutdown mode
SD = 0.8V, no load, VCC = 24V
2.5
5
mA
High Side
240
VCC = 12V, IO = 500mA,
rDS(on)
Drain-source on-state resistance
m
TJ = 25°C
Low side
240
GAIN0 = 0.8 V
8
9
10
GAIN1 = 0.8V
dB
GAIN0 = 2 V
11.1
12.1
13.1
G
Gain
GAIN0 = 0.8 V
14.2
15.2
16.2
GAIN1 = 2V
dB
GAIN0 = 2 V
17.2
18.2
19.2
ton
Turn-on time
SD = 2V
14
ms
tOFF
Turn-off time
SD = 0.8V
2
ms
DC CHARACTERISTICS
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0V, Gain = 18.2dB
1.5
15
mV
differentially)
ICC
Quiescent supply current
SD = 2V, no load, VCC = 12V
15
35
mA
ICC(SD)
Quiescent supply current in shutdown mode
SD = 0.8V, no load, VCC = 12V
2.5
5
mA
High Side
240
VCC = 12V, IO = 500mA,
rDS(on)
Drain-source on-state resistance
m
TJ = 25°C
Low side
240
GAIN0 = 0.8 V
8
9
10
GAIN1 = 0.8V
dB
GAIN0 = 2 V
11.1
12.1
13.1
G
Gain
GAIN0 = 0.8 V
14.2
15.2
16.2
GAIN1 = 2V
dB
GAIN0 = 2 V
17.2
18.2
19.2
tON
Turn-on time
SD = 2V
14
ms
tOFF
Turn-off time
SD = 0.8V
2
ms
LDO CHARACTERISTICS
TA = 25°C, VCC = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage
VCC
8
12
26
V
IO
Continuous output current
30
mA
VO
Output voltage
0 < IO < 30mA, 10.8V < VIN < 13.2
5
V
Line regulation
IL = 5mA, 10.8V < VIN < 13.2V
6
µV
IL = 0 - 30mA, VIN = 12V,
Load regulation
Measurement taken with an external 10
Ω series
10.2
mV / mA
resistor
f = 100Hz
92
PSRR
Power supply ripple rejection
VCC = 12V, IL = 20mA
dB
f = 1kHz
72
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPA3117D2


同様の部品番号 - TPA3117D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3117D2 TI1-TPA3117D2 Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3117D2RHBR TI1-TPA3117D2RHBR Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
More results

同様の説明 - TPA3117D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com