データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA158 データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 BA158
部品情報  FAST RECOVERY PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BA158 データシート(HTML) 1 Page - Pan Jit International Inc.

  BA158 Datasheet HTML 1Page - Pan Jit International Inc. BA158 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-MAR.03.2009
1
BA157~BA159
FEATURES
• High current capability.
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Low leakage.
• Exceeds environmental standards of MIL-S-19500/228
• Fast switching for high efficiency.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: Molded plastic, DO-41
• Terminals: Axial leads, solderable to MIL-STD-750,Method 2026
• Polarity: Color Band denotes cathode end
• Mounting Position: Any
• Weight: 0.0118 ounce, 0.336 gram
FAST RECOVERY PLASTIC RECTIFIER
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
400 to 1000 Volts
1.0 Amperes
CURRENT
VOLTAGE
NOTES:1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3. Thermal resistance from junction to ambient at 0.375"(9.5mm) lead length with both leads equally heatsink.
DO-41
Unit: inch(mm)
.034(.86)
.107(2.7)
.028(.71)
.080(2.0)
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S7
5
1
A
B8
5
1
A
B9
5
1
A
BS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V
M
R
R
0
0
40
0
60
0
0
1V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
V
S
M
R
0
8
20
2
40
0
7V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
C
D
0
0
40
0
60
0
0
1V
)
m
m
5
.
9
(
"
5
7
3
.
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
A
5
5
=
O C
I
(
F)
V
A
0
.
1A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
3A
A
0
.
1
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V
F
3
.
1V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
J
0
0
1
=
O C
I
R
0
.
5
0
0
5
µA
)
1
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
t
r
r
0
5
10
5
2s
n
)
2
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
C
J
2
1F
p
)
3
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
Rθ
A
J
1
4
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
T
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
O C


同様の部品番号 - BA158

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BA158 PANJIT-BA158 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rugao Dachang Electroni...
BA158 DACHANG-BA158 Datasheet
125Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
Semikron International
BA158 SEMIKRON-BA158 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
logo
Leshan Radio Company
BA158 LRC-BA158 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
SynSemi, Inc.
BA158 SYNSEMI-BA158 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
More results

同様の説明 - BA158

メーカー部品番号データシート部品情報
logo
Chongqing Pingwei Enter...
1F1 CHONGQING-1F1 Datasheet
40Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Pan Jit International I...
BA157 PANJIT-BA157_04 Datasheet
48Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Chongqing Pingwei Enter...
BA157G CHONGQING-BA157G Datasheet
38Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Pan Jit International I...
1N4942 PANJIT-1N4942_09 Datasheet
69Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Comchip Technology
1N4933 COMCHIP-1N4933 Datasheet
39Kb / 2P
   Plastic Fast Recovery Rectifier
logo
Chongqing Pingwei Enter...
FR2A CHONGQING-FR2A Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR201G CHONGQING-FR201G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR201 CHONGQING-FR201 Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR301G CHONGQING-FR301G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR601 CHONGQING-FR601 Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
RS1A CHONGQING-RS1A Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com