データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54ADW データシート(PDF) 2 Page - Pan Jit International Inc.

部品番号 BAT54ADW
部品情報  SURFACE MOUNT SCHOTTKY DIODE ARRAYS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT54ADW データシート(HTML) 2 Page - Pan Jit International Inc.

  BAT54ADW Datasheet HTML 1Page - Pan Jit International Inc. BAT54ADW Datasheet HTML 2Page - Pan Jit International Inc. BAT54ADW Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
February 14,2011-REV.03
BAT54TW / ADW / CDW / SDW / DW
ELECTRICAL CHARACTERISTICS (each diode) (TA=25OC, unless otherwise noted)
Parameter
Symbol
Test Condition
MIN.
TYP.
MAX.
Units
Reverse Breakdown Voltage
V(BR)
I R=100 uA
30
V
Reverse Current
I R
VR=25 V2.0
μA
Forward Voltage
VF
I F=0.1mA
I F=1.0mA
I F=10mA
I F=30mA
I F=100mA
0.24
0.32
0.40
0.50
1.00
V
Total Capacitance
CT
VR=1V, f=1.0MHZ
10
pF
Fig. 2- Forward Characteristics
Fig. 2- Forward Characteristics
ELECTRICAL CHARACTERISTICS CURVES
ELECTRICAL CHARACTERISTICS CURVES
30
0
0.001
0.01
0.1
1.0
10
5
10
15
25
20
V , Reverse Voltage(V)
R
Fig. 1- Typical Reverse Leakage
Fig. 1- Typical Reverse Leakage
Fig. 3- Typical Total capacitance
Fig. 3- Typical Total capacitance
0
V , Reverse Voltage (V)
R
0
2
4
6
8
10
12
14
10
20
30
TJ=75 C
O
TJ=25 C
O
TJ=-25 C
O
J
J
J
J
J


同様の部品番号 - BAT54ADW

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAT54ADW DIODES-BAT54ADW Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
logo
SeCoS Halbleitertechnol...
BAT54ADW SECOS-BAT54ADW Datasheet
494Kb / 2P
   Surface Mount Schottky Barrier Diode Array
logo
Diodes Incorporated
BAT54ADW DIODES-BAT54ADW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
logo
Guangdong Kexin Industr...
BAT54ADW KEXIN-BAT54ADW Datasheet
551Kb / 1P
   Schottky Diodes
logo
Weitron Technology
BAT54ADW WEITRON-BAT54ADW Datasheet
533Kb / 4P
   Surface Mount Schottky Barrier Diodes Arrays
More results

同様の説明 - BAT54ADW

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAT54STB-TB6 PANJIT-BAT54STB-TB6 Datasheet
124Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU Datasheet
98Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54STB-TB6 PANJIT-BAT54STB-TB6_16 Datasheet
197Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_17 Datasheet
170Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU_16 Datasheet
131Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS70TW PANJIT-BAS70TW_09 Datasheet
173Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6 PANJIT-BAT54TB6_16 Datasheet
137Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS70TW PANJIT-BAS70TW Datasheet
152Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS40TW PANJIT-BAS40TW Datasheet
123Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com