データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC846AW データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 BC846AW
部品情報  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC846AW データシート(HTML) 1 Page - Pan Jit International Inc.

  BC846AW_10 Datasheet HTML 1Page - Pan Jit International Inc. BC846AW_10 Datasheet HTML 2Page - Pan Jit International Inc. BC846AW_10 Datasheet HTML 3Page - Pan Jit International Inc. BC846AW_10 Datasheet HTML 4Page - Pan Jit International Inc. BC846AW_10 Datasheet HTML 5Page - Pan Jit International Inc. BC846AW_10 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
December 17,2010-REV.00
BC846AW ~ BC850CW
NPN GENERAL PURPOSE TRANSISTORS
VOLTAGE
30/45/65 Volts
150 mWatts
FEATURES
• General purpose amplifier applications
• NPN epitaxial silicon, planar design
• Collector current IC = 100mA
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOT-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0001 ounce, 0.005 gram
CURRENT
ABSOLUTE RATINGS
PARAMETER
Symbol
Value
Units
Collector - Emitter Voltage
BC846W
BC847W, BC850W
BC848W, BC849W
VCEO
65
45
30
V
Collector - Base Voltage
BC846W
BC847W, BC850W
BC848W, BC849W
VCBO
80
50
30
V
Emitter - Base Voltage
BC846W
BC847W, BC850W
BC848W, BC849W
VEBO
6.0
6.0
5.0
V
Collector Current - Continuous
I C
100
mA
THERMAL CHARACTERISTICS
PARAMETER
Symbol
Value
Units
Max Power Dissipation (Note 1)
P
TOT
150
mW
Thermal Resistance
Rθ
JA
Rθ
JC
400
100
OC/W
Junction Temperature
T
J
-55 to 150
OC
Storage Temperature
T
STG
-55 to 150
OC
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in.
Device Marking:
BC846AW=46A
BC847AW=47A
BC848AW=48A
BC846BW=46B
BC847BW=47B
BC848BW=48B
BC849BW=49B
BC850BW=50B
BC847CW=47C
BC848CW=48C
BC849CW=49C
BC850CW=50C
0.087(2.20)
0.070(1.80)
0.054(1.35)
0.045(1.15)
0.056(1.40)
0.047(1.20)
0.004(0.10)MAX.
0.006(0.15)
0.002(0.05)
0.016(0.40)
0.008(0.20)
0.044(1.10)
0.035(0.90)


同様の部品番号 - BC846AW_10

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC846AWT1 MOTOROLA-BC846AWT1 Datasheet
207Kb / 6P
   CASE 419-02, STYLE 3 SOT-323/SC-70
logo
ON Semiconductor
BC846AWT1 ONSEMI-BC846AWT1 Datasheet
147Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
Leshan Radio Company
BC846AWT1 LRC-BC846AWT1 Datasheet
185Kb / 4P
   General Purpose Transistors(NPN Silicon)
logo
Diodes Incorporated
BC846AW DIODES-BC846AW_1 Datasheet
367Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 8 - 2
logo
Micro Commercial Compon...
BC846AW MCC-BC846AW_11 Datasheet
671Kb / 5P
   NPN General Purpose Transistors
More results

同様の説明 - BC846AW_10

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com