データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC847BPN データシート(PDF) 3 Page - Pan Jit International Inc.

部品番号 BC847BPN
部品情報  DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BPN データシート(HTML) 3 Page - Pan Jit International Inc.

  BC847BPN Datasheet HTML 1Page - Pan Jit International Inc. BC847BPN Datasheet HTML 2Page - Pan Jit International Inc. BC847BPN Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.panjit.com
3/5/2009
Page 3
BC847BPN
ORDERING INFORMATION
BC847BPN T/R7 - 3,000 units per 7 inch reel
BC847BPN T/R13 -10,000 units per 13 inch reel
Copyright PanJit International, Inc 200
9
The inform ation presented in this docum ent is believed to be accurate and reliable. The specifications and inform ation
herein are subject to change without notice. Pan Jit m akes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or
systems. Pan Jit does not convey any license under its patent rights or rights of others.
PACKAGE LAYOUT AND SUGGESTED PAD DIMENSIONS


同様の部品番号 - BC847BPN

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC847BPN PHILIPS-BC847BPN Datasheet
47Kb / 8P
   NPN/PNP general purpose transistor
1999 Apr 26
BC847BPN NXP-BC847BPN Datasheet
108Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
Rev. 04-18 February 2009
logo
Nexperia B.V. All right...
BC847BPN NEXPERIA-BC847BPN Datasheet
264Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
1 July 2022
logo
Pan Jit International I...
BC847BPN-AU PANJIT-BC847BPN-AU Datasheet
376Kb / 5P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
BC847BPN-AU_A0_0001 PANJIT-BC847BPN-AU_A0_0001 Datasheet
376Kb / 5P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
More results

同様の説明 - BC847BPN

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BC847BPN-AU PANJIT-BC847BPN-AU Datasheet
376Kb / 5P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
BC846APN PANJIT-BC846APN Datasheet
138Kb / 5P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
logo
Leshan Radio Company
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
logo
ON Semiconductor
EMF18XV6T5 ONSEMI-EMF18XV6T5 Datasheet
62Kb / 5P
   Dual Transistor ??Power Management NPN/PNP Dual (Complimentary)
October, 2005 ??Rev. 1
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
Solid States Devices, I...
TR0032F SSDI-TR0032F Datasheet
139Kb / 2P
   Complimentary NPN & PNP Transistor
logo
Pan Jit International I...
MMDT3906 PANJIT-MMDT3906 Datasheet
179Kb / 4P
   DUAL SURFACE MOUNT PNP TRANSISTORS
MMDT3904 PANJIT-MMDT3904 Datasheet
207Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
MMDT2222A PANJIT-MMDT2222A_09 Datasheet
167Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com