データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX584C22 データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 BZX584C22
部品情報  SURFACE MOUNT SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX584C22 データシート(HTML) 1 Page - Pan Jit International Inc.

  BZX584C22 Datasheet HTML 1Page - Pan Jit International Inc. BZX584C22 Datasheet HTML 2Page - Pan Jit International Inc. BZX584C22 Datasheet HTML 3Page - Pan Jit International Inc. BZX584C22 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
REV.0.1-OCT.2.2009
BZX584C2V4~BZX584C75
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
2.4 to 75 Volts
POWER
200 mWatts
FEATURES
• Planar Die construction
• 200mW Power Dissipation
• Zener Voltages from 2.4~75V
• Ideally Suited for Automated Assembly Processes
• Component are in compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOD-523, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Standard packaging : 8mm tape
• Weight : approximately 0.002
MAXIMUM RATINGS
NOTES:
A. Mounted on 5.0mm2(.013mm thick) land areas.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
V
s
t
i
n
U
T
@
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
A
5
2
=
O
)
A
e
t
o
N
(
CP
D
0
0
2W
m
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
T
J
0
5
1
+
o
t
5
5
-
O C


同様の部品番号 - BZX584C22

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BZX584C22 PANJIT-BZX584C22 Datasheet
100Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
BZX584C22 CHENDA-BZX584C22 Datasheet
308Kb / 3P
   Zener Diode
logo
Jiangsu Changjiang Elec...
BZX584C22 JIANGSU-BZX584C22 Datasheet
759Kb / 5P
   ZENER DIODE
logo
Diode Semiconductor Kor...
BZX584C22 DSK-BZX584C22 Datasheet
250Kb / 3P
   Zener Diode
logo
SHENZHEN SLS TECHNOLOGY...
BZX584C22 SHENZHENSLS-BZX584C22 Datasheet
115Kb / 2P
   Plastic-Encapsulate Diodes
More results

同様の説明 - BZX584C22

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com