データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1924 データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LB1924
部品情報  Power Brushless Motor Driver IC for Office Automation Equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1924 データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LB1924 Datasheet HTML 3Page - Sanyo Semicon Device LB1924 Datasheet HTML 4Page - Sanyo Semicon Device LB1924 Datasheet HTML 5Page - Sanyo Semicon Device LB1924 Datasheet HTML 6Page - Sanyo Semicon Device LB1924 Datasheet HTML 7Page - Sanyo Semicon Device LB1924 Datasheet HTML 8Page - Sanyo Semicon Device LB1924 Datasheet HTML 9Page - Sanyo Semicon Device LB1924 Datasheet HTML 10Page - Sanyo Semicon Device LB1924 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
No. 5687-10/11
LB1924
Continued from preceding page.
Pin No.
Pin
Pin function
Equivalent circuit
14
DOUT
Speed discriminator output.
High: Acceleration
Low: Deceleration
15
LD
Speed lock detection output
Outputs a low level when the motor speed is in the lock range
(±6.25%).
16
FGOUT
FG amplifier output
17
FGIN
FG amplifier input
18
FGIN+
FG amplifier input (bias input).
The logic block initial reset is applied by connecting a
capacitor (of about 0.1 µF) between FGIN+ and ground.
19
CROCK
Setting for the lock protection circuit operating time.
An operating time of about 2.5 seconds can be set by
connecting a capacitor of about 0.047 µF between the
CROCK pin and ground.
Continued on next page.
FG Schmitt comparator
FG reset circuit


同様の部品番号 - LB1924

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

同様の説明 - LB1924

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
   Office Automation-Use 3-Phase Brushless Motor Driver
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com