データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1929 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LB1929
部品情報  Three-Phase Brushless Motor Driver for OA Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1929 データシート(HTML) 1 Page - Sanyo Semicon Device

  LB1929 Datasheet HTML 1Page - Sanyo Semicon Device LB1929 Datasheet HTML 2Page - Sanyo Semicon Device LB1929 Datasheet HTML 3Page - Sanyo Semicon Device LB1929 Datasheet HTML 4Page - Sanyo Semicon Device LB1929 Datasheet HTML 5Page - Sanyo Semicon Device LB1929 Datasheet HTML 6Page - Sanyo Semicon Device LB1929 Datasheet HTML 7Page - Sanyo Semicon Device LB1929 Datasheet HTML 8Page - Sanyo Semicon Device LB1929 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ordering number : ENN7099
71202RM (OT) No. 7099-1/12
Overview
The LB1929 is a three-phase brushless motor driver that is
optimal for driving the drum and paper feed motors in
laser printers and plain-paper copiers. It can provide drive
with minimal power loss due to direct PWM drive
technique, features on-chip peripheral circuits such as a
speed control circuit and an FG amplifier, and can
implement a drive circuit in a single chip.
Functions and Features
• Three-phase bipolar drive (30 V, 3.5 A)
• Direct PWM drive
• Built-in low side output kickback absorption diode
• Control technique that combines a speed discriminator
with PLL speed control
• Speed lock detection output
• Built-in forward/reverse switching circuit
• Full complement of built-in protection circuits,
including current limiter, thermal protection circuit, and
motor lockup protection circuit.
Package Dimensions
unit: mm
3147B-DIP28H
1
14
28
15
0.6
26.75
20.0
R1.7
(1.81)
1.78
1.0
SANYO: DIP-28H (500 mil)
[LB1929]
LB1929
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Three-Phase Brushless Motor Driver for OA Products
Monolithic Digital IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
30
V
Output current
IO max
T
≤ 500 ms
3.5
A
Allowable power dissipation 1
Pd max1
Independent IC
3
W
Allowable power dissipation 2
Pd max2
Infinitely large heat sink
20
W
Operating temperature
Topr
–20 to +80
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1
VCC
9.5 to 28
V
Regulator-voltage output current
IREG
0 to –30
mA
LD output current
ILD
0 to 15
mA
Allowable Operating Range at Ta = 25°C


同様の部品番号 - LB1929

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
logo
ON Semiconductor
LB1929 ONSEMI-LB1929 Datasheet
272Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

同様の説明 - LB1929

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11827 SANYO-LB11827 Datasheet
144Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com