データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1934T データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LB1934T
部品情報  3V Camera 1.5-Channel Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1934T データシート(HTML) 3 Page - Sanyo Semicon Device

  LB1934T Datasheet HTML 1Page - Sanyo Semicon Device LB1934T Datasheet HTML 2Page - Sanyo Semicon Device LB1934T Datasheet HTML 3Page - Sanyo Semicon Device LB1934T Datasheet HTML 4Page - Sanyo Semicon Device LB1934T Datasheet HTML 5Page - Sanyo Semicon Device LB1934T Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LB1934T
No.6195–3/6
Pin Assignment
20
1
19
18
17
16
LB1934T
15
14
13
Top view
12
11
2
345
6
7
8
9
10
r
e
b
m
u
n
n
i
Pe
m
a
n
n
i
Pn
o
i
t
c
n
u
F
0
1
,
1VS
)
+
(
n
i
p
y
l
p
p
u
s
r
e
w
o
p
e
v
i
r
d
r
o
t
o
M
2V C
C
)
+
(
n
i
p
y
l
p
p
u
s
r
e
w
o
p
m
e
t
s
y
s
l
o
r
t
n
o
C
8
1
,
7
1
,
4
1
,
3
1D
N
G
-
P)
(
n
i
p
d
n
u
o
r
g
e
v
i
r
d
r
o
t
o
M
8D
N
G
-
S)
(
n
i
p
d
n
u
o
r
g
m
e
t
s
y
s
l
o
r
t
n
o
C
0
2
,
9
11
T
U
O)
e
c
r
u
o
s
/
k
n
i
s
(
n
i
p
t
u
p
t
u
o
e
v
i
r
d
r
o
t
o
M
6
1
,
5
12
T
U
O)
e
c
r
u
o
s
/
k
n
i
s
(
n
i
p
t
u
p
t
u
o
e
v
i
r
d
r
o
t
o
M
1
1P
3
T
U
O)
e
c
r
u
o
s
(
n
i
p
t
u
p
t
u
o
e
v
i
r
d
r
o
t
o
M
2
1N
3
T
U
O)
k
n
i
s
(
n
i
p
t
u
p
t
u
o
e
v
i
r
d
r
o
t
o
M
31
D
M)
e
v
i
t
c
a
h
g
i
H
(
n
i
p
t
u
p
n
i
l
o
r
t
n
o
C
42
D
M)
e
v
i
t
c
a
h
g
i
H
(
n
i
p
t
u
p
n
i
l
o
r
t
n
o
C
51
N
I)
e
v
i
t
c
a
h
g
i
H
(
n
i
p
t
u
p
n
i
l
o
r
t
n
o
C
62
N
I)
e
v
i
t
c
a
h
g
i
H
(
n
i
p
t
u
p
n
i
l
o
r
t
n
o
C
9
,
7C
Nd
e
s
u
t
o
N
Pin Function
t
u
p
n
It
u
p
t
u
O
e
d
o
M
1
D
M2
D
M1
N
I2
N
I1
T
U
O2
T
U
OP
3
T
U
ON
3
T
U
O
LL
LL
h
c
1
y
b
d
n
a
t
S
HLHL
n
o
i
t
a
t
o
r
d
r
a
w
r
o
F
LHLH
n
o
i
t
a
t
o
r
e
s
r
e
v
e
R
HHHH
e
k
a
r
B
LH
LL
h
c
2
y
b
d
n
a
t
S
HL
LH
n
o
i
t
a
t
o
r
d
r
a
w
r
o
F
LH
H
L
n
o
i
t
a
t
o
r
e
s
r
e
v
e
R
HH
HH
e
k
a
r
B
HL
LL
e
g
d
i
r
b
-
f
l
a
H
y
b
d
n
a
t
S
HL
H
e
c
r
u
o
S
LH
L
k
n
i
S
HH
H
e
c
r
u
o
S
HH
*
*
t
u
p
n
i
2
N
I
/
1
N
I
d
r
a
g
e
r
s
i
D
Note : "*" in the input column means "don't care". Blank in the output column means "off".
Truth Table


同様の部品番号 - LB1934T

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1930 SANYO-LB1930 Datasheet
147Kb / 5P
   Single-Channel Low Saturation Voltage Forward/Reverse Motor Driver
LB1930M SANYO-LB1930M Datasheet
147Kb / 5P
   Single-Channel Low Saturation Voltage Forward/Reverse Motor Driver
LB1930M SANYO-LB1930M Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC ONSEMI-LB1930MC Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results

同様の説明 - LB1934T

メーカー部品番号データシート部品情報
logo
Holtek Semiconductor In...
HT6751A HOLTEK-HT6751A Datasheet
81Kb / 5P
   Camera Motor Driver (1.5 Channel)
HT6751A HOLTEK-HT6751A_12 Datasheet
119Kb / 7P
   Camera Motor Driver (1.5 Channel)
logo
Sanyo Semicon Device
LV8483CS SANYO-LV8483CS Datasheet
157Kb / 9P
   For Camera Modules Composite Channel Lens Driver
logo
Toshiba Semiconductor
TA8313F TOSHIBA-TA8313F Datasheet
103Kb / 3P
   LED DRIVER FOR CAMERA
TA8304F TOSHIBA-TA8304F Datasheet
133Kb / 4P
   MOTOR DRIVER FOR CAMERA
logo
ON Semiconductor
LB8649W ONSEMI-LB8649W Datasheet
133Kb / 9P
   Digital Camera Motor Driver
June, 2013
logo
Toshiba Semiconductor
TA8303F TOSHIBA-TA8303F Datasheet
134Kb / 4P
   MOTOR DRIVER FOR CAMERA
TA8312F TOSHIBA-TA8312F Datasheet
110Kb / 3P
   MOTOR DRIVER FOR CAMERA
logo
Renesas Technology Corp
M61018GP RENESAS-M61018GP Datasheet
305Kb / 18P
   MOTOR DRIVER FOR CAMERA
logo
Mitsubishi Electric Sem...
M61018GP MITSUBISHI-M61018GP Datasheet
46Kb / 8P
   MOTOR DRIVER FOR CAMERA
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com