データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD622 データシート(PDF) 1 Page - Analog Devices

部品番号 AD622
部品情報  Low Cost Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD622 データシート(HTML) 1 Page - Analog Devices

  AD622 Datasheet HTML 1Page - Analog Devices AD622 Datasheet HTML 2Page - Analog Devices AD622 Datasheet HTML 3Page - Analog Devices AD622 Datasheet HTML 4Page - Analog Devices AD622 Datasheet HTML 5Page - Analog Devices AD622 Datasheet HTML 6Page - Analog Devices AD622 Datasheet HTML 7Page - Analog Devices AD622 Datasheet HTML 8Page - Analog Devices AD622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Cost Instrumentation Amplifier
AD622
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1996–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Easy to use
Low cost solution
Higher performance than two or three op amp design
Unity gain with no external resistor
Optional gains with one external resistor
(Gain range: 2 to 1000)
Wide power supply range: ±2.6 V to ±15 V
Available in 8-lead PDIP and 8-lead SOIC_N packages
Low power, 1.5 mA maximum supply current
DC performance
0.15% gain accuracy: G = 1
125 μV maximum input offset voltage
1.0 μV/°C maximum input offset drift
5 nA maximum input bias current
66 dB minimum common-mode rejection ratio: G = 1
Noise
12 nV/√Hz @ 1 kHz input voltage noise
0.60 μV p-p noise: 0.1 Hz to 10 Hz, G = 10
AC characteristics
800 kHz bandwidth: G = 10
10 μs settling time to 0.1% @ G = 1 to 100
1.2 V/μs slew rate
APPLICATIONS
Transducer interface
Low cost thermocouple amplifier
Industrial process controls
Difference amplifier
Low cost data acquisition
PIN CONFIGURATION
RG 1
–IN 2
+IN 3
–VS 4
RG
8
+VS
7
OUTPUT
6
REF
5
AD622
Figure 1. 8-Lead PDIP and 8-Lead SOIC_N
(N and R Suffixes)
GENERAL DESCRIPTION
The AD622 is a low cost, moderately accurate instrumentation
amplifier that requires only one external resistor to set any gain
between 2 and 1000. For a gain of 1, no external resistor is
required. The AD622 is a complete difference or subtracter
amplifier system that also provides superior linearity and
common-mode rejection by incorporating precision laser-
trimmed resistors.
The AD622 replaces low cost, discrete, two or three op amp
instrumentation amplifier designs and offers good common-
mode rejection, superior linearity, temperature stability,
reliability, and board area consumption. The low cost of the
AD622 eliminates the need to design discrete instrumentation
amplifiers to meet stringent cost targets. While providing a
lower cost solution, it also provides performance and space
improvements.


同様の部品番号 - AD622

メーカー部品番号データシート部品情報
logo
Analog Devices
AD622 AD-AD622 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
logo
List of Unclassifed Man...
AD622-00 ETC2-AD622-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD622AN AD-AD622AN Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622AR AD-AD622AR Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622AR-REEL AD-AD622AR-REEL Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
More results

同様の説明 - AD622

メーカー部品番号データシート部品情報
logo
Analog Devices
AD622 AD-AD622_15 Datasheet
491Kb / 17P
   Low Cost Instrumentation Amplifier
Rev. E
AD622 AD-AD622 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622 AD-AD622_16 Datasheet
348Kb / 17P
   Low Cost Instrumentation Amplifier
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
   Low cost Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620 Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD620 AD-AD620_04 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_05 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_16 Datasheet
483Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com