データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM25Q16 データシート(PDF) 7 Page - FIDELIX

部品番号 FM25Q16
部品情報  16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FIDELIX [FIDELIX]
ホームページ  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FM25Q16 データシート(HTML) 7 Page - FIDELIX

Back Button FM25Q16 Datasheet HTML 3Page - FIDELIX FM25Q16 Datasheet HTML 4Page - FIDELIX FM25Q16 Datasheet HTML 5Page - FIDELIX FM25Q16 Datasheet HTML 6Page - FIDELIX FM25Q16 Datasheet HTML 7Page - FIDELIX FM25Q16 Datasheet HTML 8Page - FIDELIX FM25Q16 Datasheet HTML 9Page - FIDELIX FM25Q16 Datasheet HTML 10Page - FIDELIX FM25Q16 Datasheet HTML 11Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Rev.06 (Aug.18. 2010)
7
FM25Q16
6. PIN DESCRIPTION SOIC 208-MIL, PDIP 300-MIL WSON 6X5-MM
PIN NO.
PIN NAME
I/O
FUCTION
1
/CS
I
Chip Select Input
2
DO(IO1)
I/O
Data Output (Data Input Output 1)*¹
3
/WP(IO2)
I/O
Write Protect Input (Data Input output) *²
4
GND
Ground
5
DI(IO0)
I/O
Data Input (Data Input Output 0)*¹
6
CLK
I
Serial Clock Input
7
/HOLD(IO3)
I/O
Hold Input (Data Input output 3) *²
8
VCC
Power Supply
*1 IO0 and IO1 are used for Dual and Quad instructions
*2 IO0-IO3 are used for Quad instructions
7. PIN CONFIGURATION SOIC 300-MIL
/HOLD(IO
3 )
VCC
N/C
N/C
N/C
N/C
/CS
DO(IO
1 )
CLK
N/C
N/C
N/C
N/C
GND
/WP(IO
2 )
DI(IO
0
)
1
4
3
2
5
7
6
8
16
13
14
15
12
10
11
9
/HOLD(IO
3 )
VCC
N/C
N/C
N/C
N/C
/CS
DO(IO
1 )
CLK
N/C
N/C
N/C
N/C
GND
/WP(IO
2 )
DI(IO
0
)
1
4
3
2
5
7
6
8
16
13
14
15
12
10
11
9
Figure 1d. FM25Q16 Pin Assignments, 16-pin SOIC 300-mil


同様の部品番号 - FM25Q16

メーカー部品番号データシート部品情報
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results

同様の説明 - FM25Q16

メーカー部品番号データシート部品情報
logo
FIDELIX
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X16A WINBOND-W25X16A Datasheet
1Mb / 48P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16BV WINBOND-W25X16BV Datasheet
1Mb / 47P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com