データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB1640DC データシート(PDF) 2 Page - Pan Jit International Inc.

部品番号 SB1640DC
部品情報  SURFACE SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1640DC データシート(HTML) 2 Page - Pan Jit International Inc.

  SB1640DC Datasheet HTML 1Page - Pan Jit International Inc. SB1640DC Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
August 23,2010-REV.03
SB1620DC SERIES
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.2- MAXIMUM NON - REPETITIVE SURGE
CURRENT
CASE TEMPERATURE
C
O
0
50
100
150
20
16
12
8
4
0
20V~40V
50~60V
240
210
180
150
120
90
60
30
0
12
5
10
20
50
100
Fig.3- TYPICAL REVERSE CHARACTERISTIC
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
020
4060
80
100
NO. OF CYCLE AT 60Hz
20
-30V
40
-60V
1% Duty Cycle
Pulse Width=300 s
T=25 C
m
J
O
8.3ms Single
Half Sine-Wave
JEDEC Method
T =100 C
J
O
T=75 C
J
O
T=25 C
J
O
10
1.0
0.1
0.01
0.001
INSTANTANEOUS FORWARD VOLTAGE
,VOLTS
40
10
8
6
4
2
1.0
0.8
0.6
0.4
0.2
0.1
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0


同様の部品番号 - SB1640DC

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB1640DC PANJIT-SB1640DC Datasheet
56Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
logo
Transys Electronics
SB1640DC TRSYS-SB1640DC Datasheet
148Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1640DC PANJIT-SB1640DC Datasheet
428Kb / 2P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
logo
Sangdest Microelectroni...
SB1640DC SMC-SB1640DC Datasheet
129Kb / 5P
   SCHOTTKY RECTIFIER
SB1640DC SMC-SB1640DC Datasheet
129Kb / 5P
   SCHOTTKY RECTIFIER
More results

同様の説明 - SB1640DC

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB1620DC PANJIT-SB1620DC_16 Datasheet
86Kb / 5P
   SURFACE SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com