データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD101CW データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 SD101CW
部品情報  SURFACE MOUNT SCHOTTKY BARRIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD101CW データシート(HTML) 1 Page - Pan Jit International Inc.

  SD101CW Datasheet HTML 1Page - Pan Jit International Inc. SD101CW Datasheet HTML 2Page - Pan Jit International Inc. SD101CW Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.1-FEB.25.2009
SD101AW~SD101CW
FEATURES
• Very Low VF : 0.36V (Typ) at I
F=1mA
• Low Capacitance : 0.95pF (Typ) at V
R=1V
• Extremely Fast Switching Speed
• In compliance with EU RoHS 2002/95/EC directives
VOLTAGE
CURRENT
40 to 60 Volts
0.35 Amperes
MECHANICAL DATA
• Case: SOD-123, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.008 gram
SURFACE MOUNT SCHOTTKY BARRIER
SOD-123
Unit: inch (mm)
.154(3.90)
.110(2.8)
.141(3.60)
.098(2.5)
.005(.12)MAX
.016(.40)MIN
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
W
A
1
0
1
D
SW
B
1
0
1
D
SW
C
1
0
1
D
S
g
n
i
k
r
a
M
2
S3
S4
S
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
d
n
a
C
D
m
u
m
i
x
a
M
V
,
R V
M
R
R
0
60
50
4V
s
m
1
0
.
0
=
t
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
m
u
m
i
x
a
M
I
M
S
F
2A
)
1
s
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PP
T
O
T
0
0
4W
m
)
1
s
e
t
o
N
(
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TRΘ
A
J
0
5
2
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
T
J
5
2
1
o
t
5
5
-
O C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
5
2
1
o
t
5
5
-
O C
ABSOLUTE RATINGS AND THERMAL CHARACTERISTICS
Note : 1.FR-4 Board = 70 x 60 x 1mm.


同様の部品番号 - SD101CW

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SD101CW DIODES-SD101CW Datasheet
70Kb / 2P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
Microdiode Electronics ...
SD101CW CHENDA-SD101CW Datasheet
322Kb / 3P
   Schottky Barrier Diode
logo
Weitron Technology
SD101CW WEITRON-SD101CW Datasheet
280Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
SD101CW DIODES-SD101CW Datasheet
115Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
General Semiconductor
SD101CW GE-SD101CW Datasheet
104Kb / 3P
   Schottky Diodes
More results

同様の説明 - SD101CW

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com