データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD107WS データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 SD107WS
部品情報  SURFACE MOUNT SCHOTTKY DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD107WS データシート(HTML) 1 Page - Pan Jit International Inc.

  SD107WS Datasheet HTML 1Page - Pan Jit International Inc. SD107WS Datasheet HTML 2Page - Pan Jit International Inc. SD107WS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.2-MAR.3.2009
SD107WS
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
30 Volts
200mA
FEATURES
• Very Low VF : 0.36V(Max) at I F=2mA
• Low Capacitance : 3.0pF(Max) at VR=10V
• Extremely Fast Switching Speed
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
Case : SOD-323, plastic
Terminals : Solderable per MIL-STD-750,Method 2026
Approx Weight : 0.041 gram
Polarity : Color band cathode
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
NOTE : FR-4 Board = 70 x 60 x 1mm.
1
2
Cathode
Anode
.078(1.95)
.038(.95)
.107(2.7)
.068(1.75)
.027(.70)
.090(2.3)
.012(.30)MIN.
SOD-323
Unit: inch (mm)
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive
load. For capacitive load, derate current by 20%
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
W
7
0
1
D
SS
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M
-9
S-
e
g
a
t
l
o
V
e
s
r
e
v
e
R
m
u
m
i
x
a
M
VR
0
3V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
VRRM
0
3V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
m
u
m
i
x
a
M
I F
2
.
0A
s
m
0
1
=
p
t
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
e
v
i
t
i
t
e
p
e
R
-
n
o
N
I FSM
5
7
.
0A
)
1
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
PTOT
0
0
2W
m
)
1
(
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
RΘJA
5
2
6
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
TJ T
, STG
0
5
1
+
o
t
5
5
-
OC


同様の部品番号 - SD107WS

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SD107WS DIODES-SD107WS Datasheet
62Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30129 Rev. 4 - 2
logo
Shenzhen Luguang Electr...
SD107WS LUGUANG-SD107WS Datasheet
191Kb / 2P
   Surface Mount Schottky Barrier Diode
logo
General Semiconductor
SD107WS GE-SD107WS Datasheet
78Kb / 1P
   SCHOTTKY DIODES
logo
List of Unclassifed Man...
SD107WS ETC2-SD107WS Datasheet
171Kb / 2P
   Halogen free available upon request by adding suffix
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Diode
More results

同様の説明 - SD107WS

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com