データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13233CR2 データシート(PDF) 8 Page - Freescale Semiconductor, Inc

部品番号 MC13233CR2
部品情報  Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13233CR2 データシート(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC13233CR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MC1323x Advance Information, Rev. 1.2
8
Freescale Semiconductor
3.1
RF Interface and Usage
The MC1323x RF interface provides a bi-directional, differential port that connects directly to a balun. The
balun connects directly to a single-ended antenna and converts that interface to a full differential,
bi-directional, on-chip interface with transmit/receive switch, LNA, and complementary PA outputs.This
combination allows for a small footprint and low cost RF solution.
3.2
Transceiver Register Interface and Operation
The transceiver is controlled by set of interface registers that are memory-mapped into the CPU address
space. The transceiver is capable of independent operation to perform transmit, receive, or perform
CCA/ED operations and combinations. Additional features of the transceiver include:
DMA function moves data directly between RAM and transceiver buffers during transmit and
receive on a cycle-steal basis. This off loads the data transfer from the CPU and provides higher
performance.
Interrupt capability dependent on RX packet data availability. An interrupt can be generated based
on a programmed count of RX data bytes that have been received and moved to RAM. This allows
CPU filtering of RX data before completion of the packet reception to accelerate response to the
packet.
Four transceiver Event Timer comparators are available to supplement MCU peripheral timer
resources for PHY and MAC timing requirements.
3.3
IEEE 802.15.4 Acceleration Hardware
The 802.15.4 transceiver has several hardware features that reduce the software stack size, off load the
function from the CPU, and improve performance
Fully supports 2003 & 2006 versions of the IEEE 802.15 Standard.
Supports slotted and unslotted modes
Supports beacon enabled and non-beacon enabled networks
DMA data transfer between RAM and radio
Separate AES-128 Security module
16-bit random number generator
802.15.4 Sequence support
— RX (conditionally followed by TXAck)
—TX
— CCA (used for CCA and ED cycles)
— Tx/Rx (Tx followed by unconditional Rx or RCACK)
— Continuous CCA
802.15.4 Receiver Frame filtering.


同様の部品番号 - MC13233CR2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13233CR2 FREESCALE-MC13233CR2 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
More results

同様の説明 - MC13233CR2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X_1 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com