データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF200G データシート(PDF) 2 Page - Pan Jit International Inc.

部品番号 UF200G
部品情報  GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF200G データシート(HTML) 2 Page - Pan Jit International Inc.

  UF200G_09 Datasheet HTML 1Page - Pan Jit International Inc. UF200G_09 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-MAR.05.2009
UF200G ~ UF206G
Fig.1 FORWARD CHARACTERISTICS
Fig.2 FORWARD CURRENT DERATING CURVE
Fig.4 PEAK FORWARD SURGE CURRENT
FORWARD VOLTAGE,VOLTS
NO. OF CYCLES AT 60Hz
AMBIENT TEMPERATURE, C
O
25
0
1.0
2.0
3.0
4.0
5.0
6.0
50
75
100
125
150
175
1000
200
60
50
70
100
40
30
20
50
10
10
5
1
0
RATING AND CHARACTERISTIC CURVES
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
.375" LEAD LENGTHS
Fig.3 TYPICAL REVERSE CHARACTERISTIC
0.7
0.01
0.1
1.0
10
50-200V
600V
T=25 C
A
O
400V
0.9
1.3
1.5
1.7
1.9
1.1
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
0.1
20
40
60
80
100
120
140
1.0
10
100
1000
T= 150 C
J
O
T= 100 C
J
O
T= 25 C
J
O


同様の部品番号 - UF200G_09

メーカー部品番号データシート部品情報
logo
Transys Electronics
UF200G TRSYS-UF200G Datasheet
155Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF200G PANJIT-UF200G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
logo
Yea Shin Technology Co....
UF200G YEASHIN-UF200G Datasheet
38Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
logo
Zibo Seno Electronic En...
UF200G ZSELEC-UF200G Datasheet
90Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

同様の説明 - UF200G_09

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
UF150G PANJIT-UF150G_04 Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
UF150G PANJIT-UF150G_09 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
UF200G PANJIT-UF200G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
logo
Thinki Semiconductor Co...
MUR2005-CT THINKISEMI-MUR2005-CT Datasheet
743Kb / 2P
   20.0 Ampere Glass Passivated Junction Ultrafast Recovery Rectifiers
MUR1605-CT THINKISEMI-MUR1605-CT Datasheet
335Kb / 2P
   16.0 Ampere Glass Passivated Junction Ultrafast Recovery Rectifiers
MURF1605 THINKISEMI-MURF1605 Datasheet
260Kb / 2P
   16.0 Amp.Isolated Glass Passivated Junction Ultrafast Recovery Rectifiers
MURF1660 THINKISEMI-MURF1660 Datasheet
260Kb / 2P
   16.0 Amp.Isolated Glass Passivated Junction Ultrafast Recovery Rectifiers
logo
Pan Jit International I...
UF100GS PANJIT-UF100GS_09 Datasheet
66Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100G PANJIT-UF100G_09 Datasheet
113Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
1U1G PANJIT-1U1G_09 Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com