データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC35W256EM データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LC35W256EM
部品情報  256K (32K words x 8 bits) SRAM Control pins: OE and CE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35W256EM データシート(HTML) 4 Page - Sanyo Semicon Device

  LC35W256EM Datasheet HTML 1Page - Sanyo Semicon Device LC35W256EM Datasheet HTML 2Page - Sanyo Semicon Device LC35W256EM Datasheet HTML 3Page - Sanyo Semicon Device LC35W256EM Datasheet HTML 4Page - Sanyo Semicon Device LC35W256EM Datasheet HTML 5Page - Sanyo Semicon Device LC35W256EM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
No. 6304-4/6
LC35W256EM, ET10W
DC Electrical Characteristics at Ta = –10 to +70°C, VCC = 2.7 to 3.6 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input leakage current
ILI
VIN = 0 to VCC
–1.0
+1.0
µA
Output leakage current
ILO
VCE = VIH or VOE = VIH or VWE = VIL
–1.0
+1.0
µA
VI/O = 0 to VCC
Output high-level voltage
VOH1
IOH1 = –2.0 mA
VCC – 0.4
V
VOH2
IOH2 = –100 µA
VCC – 0.1
V
Output low-level voltage
VOL1
IOL1 = 2.0 mA
0.4
V
VOL2
IOL2 = 100 µA
0.4
V
ICCA2
VCE = VIL, II/O = 0 mA, VIN = VIH or VIL
1.2
mA
Operating current drain
ICCA3
VCE = VIL, VIN = VIH or VIL
min cycle
15
18
mA
II/O = 0 mA, DUTY 100 %
1 µs cycle
1.5
2.5
mA
Ta
≤ 25°C
0.01
µA
Standby mode
ICCS1
Ta
≤ 60°C
0.8
µA
current drain
Ta
≤ 70°C
4.0
µA
ICCS2
VCE = VIH, VIN = 0 to VCC
0.4
mA
Note: * Reference values when VCC = 3 V and Ta = 25°C.
CMOS inputs
VCE ≥ VCC – 0.2 V,
VIN = 0 to VCC
VCC – 0.2 V/
0.2 V inputs
CMOS inputs
AC Electrical Characteristics at Ta = –10 to +70°C, VCC = 2.7 to 3.6 V
AC test conditions
Input pulse voltage levels: 0.2 VCC to 0.8 VCC
Input rise and fall times: 5 ns
Input and output timing levels: 1/2 VCC
Output load: 30 pF (including the jig capacitance)
Parameter
Symbol
min
max
Unit
Read cycle time
tRC
100
ns
Address access time
tAA
100
ns
CE access time
tCA
100
ns
OE access time
tOA
50
ns
Output hold time
tOH
10
ns
CE output enable time
tCOE
10
ns
OE output enable time
tOOE
5ns
CE output disable time
tCOD
35
ns
OE output disable time
tOOD
30
ns
Read Cycle
Parameter
Symbol
min
max
Unit
Write cycle time
tWC
100
ns
Address setup time
tAS
0ns
Write pulse width
tWP
80
ns
CE setup time
tCW
90
ns
Write recovery time
tWR
0ns
CE write recovery time
tWR1
0ns
Data setup time
tDS
50
ns
Data hold time
tDH
0ns
CE data hold time
tDH1
0ns
WE output enable time
tWOE
5ns
WE output disable time
tWOD
35
ns
Write Cycle


同様の部品番号 - LC35W256EM

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35W1000BTS-10U SANYO-LC35W1000BTS-10U Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35W1000BTS-70U SANYO-LC35W1000BTS-70U Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
More results

同様の説明 - LC35W256EM

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com