データシートサーチシステム |
|
LC35W1000BTS-10U データシート(PDF) 3 Page - Sanyo Semicon Device |
|
LC35W1000BTS-10U データシート(HTML) 3 Page - Sanyo Semicon Device |
3 / 9 page Block Diagram No. 6624-3/9 LC35W1000BM, BTS-70U/10U Control circuit Data control circuit Output buffer Input data buffer Memory cell array Pin Functions A0 to A16 Address input WE Ready/write control input OE Output enable input CE, CE2 Chip enable input I/O1 to I/O8 Data I/O VCC, GND Power supply, ground Function Table Note: X indicates H or L. *: For pulse widths under 30 ns: –2.0 V Note: This chip may be destroyed if any stress in excess of the absolute maximum ratings is applied. Mode CE1 CE2 OE WE I/O Supply current Ready cycle L H L H Data output ICCA Write cycle L H X L Data input ICCA Output disable L H H H High impedance ICCA Unselected H X X X High impedance ICCS X L X X High impedance ICCS Parameter Symbol Conditions Ratings Unit Maximum supply voltage VCC max 4.6 V Input pin voltage VIN –0.3* to VCC + 0.3 V I/O pin voltage VI/O –0.3 to VCC + 0.3 V Operating temperature Topr –40 to +85 °C Storage temperature Tstg –55 to +125 °C Specifications Maximum Ratings at Ta = 25°C |
同様の部品番号 - LC35W1000BTS-10U |
|
同様の説明 - LC35W1000BTS-10U |