データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC36256AL データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC36256AL
部品情報  256 K (32768 words x 8 bits) SRAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC36256AL データシート(HTML) 3 Page - Sanyo Semicon Device

  LC36256AL Datasheet HTML 1Page - Sanyo Semicon Device LC36256AL Datasheet HTML 2Page - Sanyo Semicon Device LC36256AL Datasheet HTML 3Page - Sanyo Semicon Device LC36256AL Datasheet HTML 4Page - Sanyo Semicon Device LC36256AL Datasheet HTML 5Page - Sanyo Semicon Device LC36256AL Datasheet HTML 6Page - Sanyo Semicon Device LC36256AL Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Input pin voltage
VIN
–0.5* to VCC+0.5
V
I/O pin voltage
VI/O
–0.5* to VCC+0.5
V
Allowable power dissipation
Pd max
LC36256AL
1.0
W
LC36256AML
0.7
W
Operating temperature range
Topr
0 to +70
°C
Storage temperature range
Tstg
–55 to +150
°C
* –3.0 V when pulse width is less than 50 ns
DC Recommended Operating Ranges at Ta = 0 to +70°C
Parameter
Symbol
min
typ
max
Unit
Power supply voltage
VCC
4.5*
5.0
5.5
V
Input high level voltage
VIH
2.2*
VCC+0.3
V
Input low level voltage
VIL
–0.3*
+0.8
V
* –3.0 V when pulse width is less than 50 ns
DC Electrical Characteristics at Ta = 0 to +70°C, VCC = 5 V ±10%
Parameter
Symbol
Conditions
min
typ*
max
Unit
Input leakage current
ILI
VIN = 0 to VCC
–0.5
+0.5
µA
I/O leakage current
ILO
VCE = VIH or VOE = VIH,
–0.5
+0.5
µA
VI/O = 0 to VCC
Output high level voltage
VOH
IOH = –1.0mA
2.4
V
Output low level voltage
VOL
IOL = 2.1mA
0.4
V
Operating supply
ICCA1
VCE
≤ 0.2V,
1
5
mA
current (DC)
VIN
≤ 0.2V or VIN ≥ VCC–0.2V
ICCA2
VCE = VIL, II/O=0mA
3
10
mA
min cycle
70ns
30
50
Average operating
ICCA3
Duty = 100%
85ns
25
50
mA
supply current
I I/O = 0mA
100ns
23
50
120ns
20
50
0 to +70°C
25
Standby supply
ICCS1
VCE ≥VCC-0.2V
0 to +40°C
5
µA
current
25°C
0.5
2
ICCS2
VCE = VIH
0.4
2
mA
* Reference values at VCC = 5 V, Ta = 25°C
LC36256AL, AML-70/85/10/12
No. 4163-3/7
Access
time


同様の部品番号 - LC36256AL

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256ALL-10W SANYO-LC36256ALL-10W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256ALL-12W SANYO-LC36256ALL-12W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256ALL-70W SANYO-LC36256ALL-70W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256ALL-85W SANYO-LC36256ALL-85W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
More results

同様の説明 - LC36256AL

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com