データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC371100ST データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC371100ST
部品情報  1 MEG (131072 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC371100ST データシート(HTML) 1 Page - Sanyo Semicon Device

  LC371100ST Datasheet HTML 1Page - Sanyo Semicon Device LC371100ST Datasheet HTML 2Page - Sanyo Semicon Device LC371100ST Datasheet HTML 3Page - Sanyo Semicon Device LC371100ST Datasheet HTML 4Page - Sanyo Semicon Device LC371100ST Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Overview
The LC371100SP, LC371100SM and LC371100ST are
131,072-word
× 8-bit organization (1,048,576-bit) mask
programmable read only memories.
The
LC371100SP-10,
LC371100SM-10
and
LC371100ST-10 feature an access time of 100 ns, an OE
access time of 40 ns, and a standby current of 30 µA, and
are optimal for use in 5-V systems that require high-speed
access.
The LC371100SP-20LV, LC371100SM-20LV and
LC371100ST-20LV feature an access time of 200 ns, an
OE access time of 80 ns, and a standby current of 4 µA.
Additionally, they provide high-speed access in 3.3-V
systems (3.0 to 3.6 V) with a 150-ns access time and a 60-
ns OE access time.
These ROMs adopt the JEDEC standard pin assignment
which allows them to replace EPROM easily. To prevent
bus line collisions in multi-bus microcontroller systems,
pin 24 can be mask programmed to be either active high or
active low.
Features
• 131072 words
× 8 bits organization
• Power supply
LC371100SP, SM, ST-10:
5.0 V ± 10%
LC371100SP, SM, ST-20LV: 2.7 to 3.6 V
• Fast access time (tAA, tCA)
LC371100SP, SM, ST-10:
100 ns (max.)
LC371100SP, SM, ST-20LV: 200 ns (max.)
150 ns (VCC = 3.0 to 3.6 V)
• Operating current
LC371100SP, SM, ST-10:
70 mA (max.)
LC371100SP, SM, ST-20LV: 20 mA (max.)
• Standby current
LC371100SP, SM, ST-10:
30 µA (max.)
LC371100SP, SM, ST-20LV: 5 µA (max.)
• Full static operation (internal clocked type)
• Fully TTL compatible (5 V supply)
• 3 state outputs
• JEDEC standard pin configuration
• Package type
LC371100SP-10/20LV: DIP32 (600 mil)
LC371100SM-10/20LV:SOP32 (525 mil)
LC371100ST-10/20LV: TSOP32 (8 mm
× 20 mm)
Package Dimensions
unit: mm
3192-DIP32
unit: mm
3205-SOP32
unit: mm
3224-TSOP32
CMOS LSI
43098HA (OT)/51195TH (OT)/41095TH (OT) No. 5087-1/5
Preliminary
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1 MEG (131072 words
× 8 bits) Mask ROM
Internal Clocked Silicon Gate
LC371100SP, SM, ST-10/20LV
Ordering number : EN*5087C
SANYO: DIP32
[LC371100SP]
SANYO: SOP32
[LC371100SM]
SANYO: TSOP32 (type-I)
[LC371100ST]


同様の部品番号 - LC371100ST

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
LC371 SEOUL-LC371 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC371 SEOUL-LC371 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC371 SEOUL-LC371 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC371 SEOUL-LC371 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC371 SEOUL-LC371 Datasheet
378Kb / 14P
   RED LAMP LED
More results

同様の説明 - LC371100ST

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC378100QM SANYO-LC378100QM Datasheet
64Kb / 4P
   8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC374100SM SANYO-LC374100SM Datasheet
64Kb / 4P
   4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC372100PP SANYO-LC372100PP Datasheet
79Kb / 5P
   2 MEG (262144 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LE28C1001M SANYO-LE28C1001M Datasheet
281Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001M SANYO-LE28CV1001M Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LC322271J SANYO-LC322271J Datasheet
1Mb / 29P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Write
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
   4 MEG (524288 words x 8 bits) Flash Memory
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com