データシートサーチシステム |
|
LC371100SP-20LV データシート(PDF) 1 Page - Sanyo Semicon Device |
|
LC371100SP-20LV データシート(HTML) 1 Page - Sanyo Semicon Device |
1 / 5 page Overview The LC371100SP, LC371100SM and LC371100ST are 131,072-word × 8-bit organization (1,048,576-bit) mask programmable read only memories. The LC371100SP-10, LC371100SM-10 and LC371100ST-10 feature an access time of 100 ns, an OE access time of 40 ns, and a standby current of 30 µA, and are optimal for use in 5-V systems that require high-speed access. The LC371100SP-20LV, LC371100SM-20LV and LC371100ST-20LV feature an access time of 200 ns, an OE access time of 80 ns, and a standby current of 4 µA. Additionally, they provide high-speed access in 3.3-V systems (3.0 to 3.6 V) with a 150-ns access time and a 60- ns OE access time. These ROMs adopt the JEDEC standard pin assignment which allows them to replace EPROM easily. To prevent bus line collisions in multi-bus microcontroller systems, pin 24 can be mask programmed to be either active high or active low. Features • 131072 words × 8 bits organization • Power supply LC371100SP, SM, ST-10: 5.0 V ± 10% LC371100SP, SM, ST-20LV: 2.7 to 3.6 V • Fast access time (tAA, tCA) LC371100SP, SM, ST-10: 100 ns (max.) LC371100SP, SM, ST-20LV: 200 ns (max.) 150 ns (VCC = 3.0 to 3.6 V) • Operating current LC371100SP, SM, ST-10: 70 mA (max.) LC371100SP, SM, ST-20LV: 20 mA (max.) • Standby current LC371100SP, SM, ST-10: 30 µA (max.) LC371100SP, SM, ST-20LV: 5 µA (max.) • Full static operation (internal clocked type) • Fully TTL compatible (5 V supply) • 3 state outputs • JEDEC standard pin configuration • Package type LC371100SP-10/20LV: DIP32 (600 mil) LC371100SM-10/20LV:SOP32 (525 mil) LC371100ST-10/20LV: TSOP32 (8 mm × 20 mm) Package Dimensions unit: mm 3192-DIP32 unit: mm 3205-SOP32 unit: mm 3224-TSOP32 CMOS LSI 43098HA (OT)/51195TH (OT)/41095TH (OT) No. 5087-1/5 Preliminary SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 1 MEG (131072 words × 8 bits) Mask ROM Internal Clocked Silicon Gate LC371100SP, SM, ST-10/20LV Ordering number : EN*5087C SANYO: DIP32 [LC371100SP] SANYO: SOP32 [LC371100SM] SANYO: TSOP32 (type-I) [LC371100ST] |
同様の部品番号 - LC371100SP-20LV |
|
同様の説明 - LC371100SP-20LV |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |