データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC372100PT-20LV データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LC372100PT-20LV
部品情報  2 MEG (262144 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC372100PT-20LV データシート(HTML) 4 Page - Sanyo Semicon Device

  LC372100PT-20LV Datasheet HTML 1Page - Sanyo Semicon Device LC372100PT-20LV Datasheet HTML 2Page - Sanyo Semicon Device LC372100PT-20LV Datasheet HTML 3Page - Sanyo Semicon Device LC372100PT-20LV Datasheet HTML 4Page - Sanyo Semicon Device LC372100PT-20LV Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
No. 5088-4/5
LC372100PP, PM, PT-10/20LV
5 V Operation
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC max
4.5
5.0
5.5
V
Input high level voltage
VIH
2.2
VCC + 0.3
V
Input low level voltage
VIL
–0.3
+0.6
V
DC Recommended Operating Ranges at Ta = 0 to +70°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Operating supply current
ICCA1
CE = 0.2 V (CE = VCC – 0.2 V), VI = VCC – 0.2 V/0.2 V
30
mA
ICCA2
CE = VIL (CE = VIH), IO = 0 mA, VI = VIH/VIL, f = 10 MHz
70
mA
Standby supply current
ICCS1
CE = VCC – 0.2 V (CE = 0.2 V)
30 (1.0*)
µA
ICCS2
CE = VIH (CE = VIL)
1.0 (300*)
mA (µA)
Input leakage current
ILI
VIN = 0 to VCC
±1.0
µA
Output leakage current
ILO
CE or OE = VIH (CE or OE = VIL), VOUT = 0 to VCC
±1.0
µA
Output high level voltage
VOH
IOH = –1.0 mA
2.4
V
Output low level voltage
VOL
IOL = 2.0 mA
0.4
V
DC Electrical Characteristics at Ta = 0 to +70°C, VCC = 5.0 V ±10%
Note: * Guaranteed at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Cycle time
tCYC
100
ns
Address access time
tAA
100
ns
CE access time
tCA
100
ns
OE access time
tOA
40
ns
Output hold time
tOH
20
ns
Output disable time*
tOD
30
ns
AC Characteristics at Ta = 0 to +70°C, VCC = 5.0 V ±10%
AC Test Conditions
Output Load (5 V measurement)
Note: * tOD is measured from the earlier edge of the CE (CE) or OE(OE)’s going high impedance.
This parameter is periodically sampled and not 100% tested.
Input pulse levels
0.4 V to 0.8 VCC (3 V measurement),
0.4 V to 2.8 V (5 V measurement)
Input rise/fall time
5 ns
Input timing level
1.5 V
Output timing level
1.5 V
Output load
70 pF (3 V measurement)
See figure (5 V measurement)


同様の部品番号 - LC372100PT-20LV

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LC370W01 PHILIPS-LC370W01 Datasheet
714Kb / 28P
   37.0 WXGA TFT LCD
May.25, 2004
logo
LG Semicon Co.,Ltd.
LC370WX1 LG-LC370WX1 Datasheet
965Kb / 28P
   37.0?쓂XGA TFT LCD
logo
Seoul Semiconductor
LC370Z SEOUL-LC370Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC371 SEOUL-LC371 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC371 SEOUL-LC371 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

同様の説明 - LC372100PT-20LV

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC378100QM SANYO-LC378100QM Datasheet
64Kb / 4P
   8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC374100SM SANYO-LC374100SM Datasheet
64Kb / 4P
   4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC371100SP SANYO-LC371100SP Datasheet
80Kb / 5P
   1 MEG (131072 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
   4 MEG (524288 words x 8 bits) Flash Memory
LC382161T-17 SANYO-LC382161T-17 Datasheet
1Mb / 55P
   2 MEG(65536 words x 16 bits x 2 banks) Synchronous DRAM
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
Sanyo Semicon Device
LC374500ST SANYO-LC374500ST Datasheet
46Kb / 4P
   Internal Synchronization Silicon Gate 4M (524288-word x 8-bit) mask ROM Pin Compatible with Flash Memory
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com