データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC4102C データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC4102C
部品情報  LCD Dot Matrix Common Driver for STN Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4102C データシート(HTML) 6 Page - Sanyo Semicon Device

  LC4102C Datasheet HTML 1Page - Sanyo Semicon Device LC4102C Datasheet HTML 2Page - Sanyo Semicon Device LC4102C Datasheet HTML 3Page - Sanyo Semicon Device LC4102C Datasheet HTML 4Page - Sanyo Semicon Device LC4102C Datasheet HTML 5Page - Sanyo Semicon Device LC4102C Datasheet HTML 6Page - Sanyo Semicon Device LC4102C Datasheet HTML 7Page - Sanyo Semicon Device LC4102C Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LC4102C Pad Coordinates
No. 5789-6/8
LC4102C
Pin
X coordinate
Y coordinate
Pad type
Pin
X coordinate
Y coordinate
Pad type
VSSH
–7708.4
349.5
A
VSS
250.0
–799.5
B
VSSH
–7708.4
209.5
A
NC
350.0
–799.5
B
VSSH
–7708.4
69.5
A
LOAD
600.0
–799.5
C
V5
–7708.4
–200.5
A
NC
850.0
–784.5
B
V5
–7708.4
–340.5
A
VSS
950.0
–784.5
B
V5
–7708.4
–480.5
A
VSS
1200.0
–784.5
C
V5
–7708.4
–620.5
A
VSS
1450.0
–784.5
B
V4
–7570.0
–777.0
B
NC
1550.0
–784.5
B
V4
–7320.0
–777.0
C
DIO1
1800.0
–799.5
C
V4
–7070.0
–777.0
B
NC
2050.0
–799.5
B
V1
–6850.0
–777.0
B
NC
2150.0
–799.5
B
V1
–6600.0
–777.0
C
DMIN
2400.0
–799.5
C
V1
–6350.0
–777.0
B
NC
2650.0
–799.5
B
V0
–6250.0
–777.0
B
NC
2750.0
–799.5
B
V0
–6000.0
–777.0
C
DIO160
3000.0
–799.5
C
V0
–5750.0
–777.0
B
NC
3250.0
–799.5
B
NC
–5600.0
–764.5
A
VSSH
3350.0
–799.5
B
NC
–5460.0
–764.5
A
VSSH
3600.0
–799.5
C
VEE
–4450.0
–799.5
B
VSSH
3850.0
–799.5
B
VEE
–4200.0
–799.5
C
VEE
3950.0
–799.5
B
VEE
–3950.0
–799.5
B
VEE
4200.0
–799.5
C
VSSH
–3850.0
–799.5
B
VEE
4450.0
–799.5
B
VSSH
–3600.0
–799.5
C
NC
5460.0
–779.5
A
VSSH
–3350.0
–799.5
B
NC
5600.0
–779.5
A
NC
–3250.0
–799.5
B
V0
5750.0
–779.5
B
MODE
–3000.0
–799.5
C
V0
6000.0
–779.5
C
NC
–2750.0
–799.5
B
V0
6250.0
–779.5
B
NC
–2650.0
–799.5
B
V1
6350.0
–779.5
B
RSLS
–2400.0
–799.5
C
V1
6600.0
–779.5
C
NC
–2150.0
–799.5
B
V1
6850.0
–779.5
B
VDD
–2050.0
–799.5
B
V4
7000.0
–779.5
B
VDD
–1800.0
–799.5
C
V4
7250.0
–779.5
C
VDD
–1550.0
–799.5
B
V4
7500.0
–779.5
B
NC
–1450.0
–799.5
B
V5
7708.4
–620.5
A
DISP
–1200.0
–799.5
C
V5
7708.4
–480.5
A
NC
–950.0
–799.5
B
V5
7708.4
–340.5
A
NC
–850.0
–799.5
B
V5
7708.4
–200.5
A
DF
–600.0
–799.5
C
VSSH
7708.4
69.5
A
NC
–350.0
–799.5
B
VSSH
7708.4
209.5
A
VSS
–250.0
–799.5
B
VSSH
7708.4
349.5
A
VSS
0.0
–799.5
C
Continued on next page.
Pad type
Size
A
100 µm
× 60 µm
B
60 µm
× 60 µm
C
120 µm
× 60 µm
D
75 µm
× 60 µm


同様の部品番号 - LC4102C

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC4100 SANYO-LC4100 Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4103C SANYO-LC4103C Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
More results

同様の説明 - LC4102C

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC4131C SANYO-LC4131C Datasheet
74Kb / 7P
   LCD Dot Matrix Common Driver for STN Displays
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4104C SANYO-LC4104C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
logo
Hitachi Semiconductor
HD66137 HITACHI-HD66137 Datasheet
99Kb / 19P
   High-Voltage Durable 240-Channel Common Driver for Dot-Matrix STN LCD
logo
List of Unclassifed Man...
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
NXP Semiconductors
PCF8579 NXP-PCF8579 Datasheet
260Kb / 41P
   LCD column driver for dot matrix graphic displays
Rev. 05-11 May 2009
logo
Texas Instruments
MPT57202 TI1-MPT57202 Datasheet
156Kb / 11P
[Old version datasheet]   160-CHANNEL LCD GATE DRIVER FOR DOT MATRIX STN
logo
NXP Semiconductors
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
   LCD column driver for dot matrix graphic displays
1997 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com