データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC573904 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC573904
部品情報  4-Bit Microcontroller with 4K-Byte ROM, 1204Bits RAM and LCD Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC573904 データシート(HTML) 3 Page - Sanyo Semicon Device

  LC573904 Datasheet HTML 1Page - Sanyo Semicon Device LC573904 Datasheet HTML 2Page - Sanyo Semicon Device LC573904 Datasheet HTML 3Page - Sanyo Semicon Device LC573904 Datasheet HTML 4Page - Sanyo Semicon Device LC573904 Datasheet HTML 5Page - Sanyo Semicon Device LC573904 Datasheet HTML 6Page - Sanyo Semicon Device LC573904 Datasheet HTML 7Page - Sanyo Semicon Device LC573904 Datasheet HTML 8Page - Sanyo Semicon Device LC573904 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LC573904
No.6725-3/18
Pad assignment
Chip size (X
× Y)
: 2.63mm
× 2.89mm
Chip thickness
: 480
µm
Pad size
: 116
µm × 116µm
Note:
When a Lithium battery has been selected as the power supply, please note the following points.
There are two modes of use for the lithium battery: Backup mode and Normal mode (backup flag off). In backup mode, the
battery potential is applied directly to the oscillation circuit, whereas in Normal mode only half the battery potential is applied.
Because of the different voltage applied to the oscillation circuit in each mode, there may be a difference in the generated
oscillation frequency. When entering backup mode a corresponding error will arise. If timing accuracy is required (for clocks,
etc), please bear in mind the above in the program design.
SEG1
COM2
TEST
RCOUT
RCIN
VSS
OSCOUT
OSCIN
RES
S1
S2
32HZ
T3
CUP2
CUP1
COM1
SEG32
LIGHT
ALM
VDD2
VDD1
BAK
S4
S3
P10
P11
P12
P13
P00
P01
P02
P03
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
61
62
63
64
1
2
3
4
5
6
7
8
9
10
11
X
Y
60 59 58 57 56 55 54 53 52 51 50 49 48 47 46
12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


同様の部品番号 - LC573904

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC5739 SANYO-LC5739 Datasheet
622Kb / 18P
   4-Bit Microcontroller with LCD Driver
More results

同様の説明 - LC573904

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC573202A SANYO-LC573202A Datasheet
622Kb / 18P
   4-Bit Microcontroller with 2K-Byte ROM, 64 횞 4Bits RAM and LCD Driver
LC872G08A SANYO-LC872G08A_10 Datasheet
174Kb / 27P
   8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC872H08A SANYO-LC872H08A Datasheet
224Kb / 28P
   CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
logo
OKI electronic componet...
MSM65X227 OKI-MSM65X227 Datasheet
142Kb / 18P
   8-Bit Microcontroller (with 4K-Byte EEPROM)
logo
ON Semiconductor
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com