データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC5823 データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LC5823
部品情報  4-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM, 1 Kbit of RAM, and an LCD Driver for Medium Speed Small-Scale Control Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC5823 データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LC5823 Datasheet HTML 6Page - Sanyo Semicon Device LC5823 Datasheet HTML 7Page - Sanyo Semicon Device LC5823 Datasheet HTML 8Page - Sanyo Semicon Device LC5823 Datasheet HTML 9Page - Sanyo Semicon Device LC5823 Datasheet HTML 10Page - Sanyo Semicon Device LC5823 Datasheet HTML 11Page - Sanyo Semicon Device LC5823 Datasheet HTML 12Page - Sanyo Semicon Device LC5823 Datasheet HTML 13Page - Sanyo Semicon Device LC5823 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
No. 5944-10/24
LC5824, LC5823, LC5822
Option
Circuit type
Notes
• The cycle time is 4 times n times the f1
period. (n:1)
• The divider circuit outputs (ø1 through ø15)
are used as the clock time base, the LCD
drive frequency generation clock, and for
S/K port chattering prevention.
CF
• 400 kHz
• 4 MHz
• The cycle time is 4 times the f2 period.
• The divider circuit outputs (ø1 through ø15)
are used as the clock time base, the LCD
drive waveform generation clock, and for
S/K port chattering prevention.
Note that the CFIN and CFOUT pins are
switched over to function as the P1 and P2
pins.
Xtal
• 32 kHz
• 55 kHz
Continued from preceding page.
Divider
Divider


同様の部品番号 - LC5823

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
LC58 MICROSEMI-LC58 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC58 MICROSEMI-LC58 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC58 MICROSEMI-LC58 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC58 NJSEMI-LC58 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Sanyo Semicon Device
LC5805 SANYO-LC5805 Datasheet
881Kb / 32P
   SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVERS
More results

同様の説明 - LC5823

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC5851N SANYO-LC5851N Datasheet
765Kb / 31P
   Small-Scale Control, Medium Speed Type, On-Chip LCD Driver 4-Bit Single Chip Microcomputer
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC587008 SANYO-LC587008 Datasheet
779Kb / 29P
   Single-Chip 4-Bit Microprocessors with LCD Drivers, 2Kb RAM, and 8,12,or 16 KB ROM on chip
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com