データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC5822 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC5822
部品情報  4-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM, 1 Kbit of RAM, and an LCD Driver for Medium Speed Small-Scale Control Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC5822 データシート(HTML) 1 Page - Sanyo Semicon Device

  LC5822 Datasheet HTML 1Page - Sanyo Semicon Device LC5822 Datasheet HTML 2Page - Sanyo Semicon Device LC5822 Datasheet HTML 3Page - Sanyo Semicon Device LC5822 Datasheet HTML 4Page - Sanyo Semicon Device LC5822 Datasheet HTML 5Page - Sanyo Semicon Device LC5822 Datasheet HTML 6Page - Sanyo Semicon Device LC5822 Datasheet HTML 7Page - Sanyo Semicon Device LC5822 Datasheet HTML 8Page - Sanyo Semicon Device LC5822 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Overview
The LC5822, LC5823, and LC5824 are CMOS
microcontrollers that feature the low-voltage operation
required for battery-power applications and that provide
4 KB, 6 KB, or 8 KB of ROM, 1 kilobit of RAM, and an
LCD driver.
These microcontrollers support an instruction set based on
that of the earlier LC5800, LC5812, and LC5814 for
excellent efficiency in software development.
Applications
• LCD display in multi-function watches, timers, and
other products
• Control and LCD display in timers
• Control and LCD display in miniature test equipment,
health maintenance equipment, and other products
• These microcontrollers are optimal for products that
include an LCD display, especially battery powered
products.
Wide Allowable Operating Ranges
Note*: When the backup flag is set, the BAK pin is connected to VDD.
Features
• These microcontrollers are high-end versions of the
LC5800 and provide the following features.
Low Current Drain * In halt mode (typical)
• Ceramic oscillator 400 kHz (3.0 V) 200 µA
• Crystal oscillator 32 kHz (1.5 V, Ag specifications)
3.0 µA (LCD biases other than 1/3) 4.5 µA (LCD drive:
1/3 bias)
• Crystal oscillator 32 kHz (3.0 V, Li specifications)
2.0 µA (LCD biases other than 1/3) 6.0 µA (LCD drive:
1/3 bias)
Timer and Counter Functions
• One 8-bit programmable timer (May be used as an event
counter)
• One 8-bit programmable reload timer
• Time base timer (for clocks)
• Watchdog timer
• 8-bit serial I/O (3-pin synchronous system)
Standby Functions
• Clock standby function (halt mode)
Only the oscillator circuits, the divider circuit, and the
LCD driver operate. All other internal operations are
stopped. This provides a power-saving function in which
current drain is minimized, and allows a clock function
to be implemented easily with low power dissipation.
Furthermore, low-speed and high-speed modes can be
implemented by setting the operating modes of the two
oscillator circuits.
• Full standby function (hold mode)
• Halt mode can be cleared by any of two external and
two internal interrupts.
CMOS IC
82198RM (OT) No. 5944-1/24
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
4-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM, 1 Kbit of RAM,
and an LCD Driver for Medium Speed Small-Scale Control Applications
LC5824, LC5823, LC5822
Ordering number : EN5944
Power
Cycle
Supply
options
times
voltage
Notes
supply
range
EXT-V
10 µs
VDD = 2.3 to 3.6 V
When an 800-kHz ceramic
oscillator is used
EXT-V
20 µs
VDD = 2.3 to 3.6 V
When an 400-kHz ceramic
oscillator is used
EXT-V
61 µs
VDD = 2.3 to 3.6 V
When an 65-kHz crystal oscillator
is used
EXT-V
122 µs
VDD = 2.0 to 3.6 V
When an 32-kHz crystal oscillator
is used
Li
122 µs
VDD = 2.6 to 3.6 V*
When an 32-kHz crystal oscillator
is used
Ag
122 µs
VDD = 1.3 to 1.65 V
When an 32-kHz crystal oscillator
is used


同様の部品番号 - LC5822

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
LC58 MICROSEMI-LC58 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC58 MICROSEMI-LC58 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC58 MICROSEMI-LC58 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC58 NJSEMI-LC58 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Sanyo Semicon Device
LC5805 SANYO-LC5805 Datasheet
881Kb / 32P
   SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVERS
More results

同様の説明 - LC5822

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC5851N SANYO-LC5851N Datasheet
765Kb / 31P
   Small-Scale Control, Medium Speed Type, On-Chip LCD Driver 4-Bit Single Chip Microcomputer
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC587008 SANYO-LC587008 Datasheet
779Kb / 29P
   Single-Chip 4-Bit Microprocessors with LCD Drivers, 2Kb RAM, and 8,12,or 16 KB ROM on chip
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com