データシートサーチシステム |
|
LM2574 データシート(PDF) 1 Page - Micrel Semiconductor |
|
LM2574 データシート(HTML) 1 Page - Micrel Semiconductor |
1 / 8 page July 2005 1 M9999-072805 LM2574 Micrel, Inc. LM2574 52kHz Simple 0.5A Buck Regulator General Description The LM2574 family is a series of easy to use fixed and ad- justable switching voltage regulators. The LM2574 contains all of the active circuitry necessary to construct a stepdown (buck) switching regulator and requires a minimum of external components. The LM2574 is available in 3.3V and 5V fixed output ver- sions, or an adjustable version with an output voltage range of 1.23V to 37V. Output voltage is guaranteed to ±4% for specified input and load conditions. The LM2574 can supply 0.5A while maintaining excellent line and load regulation. The output switch includes cycle- by-cycle current limiting, as well as thermal shutdown for full protection under fault conditions. Anexternalshutdownconnectionselectsoperatingorstandby modes. Standby current is less than 200µA. Heat sinks are generally unnecessary due the regulator’s high efficiency. Adequate heat transfer is usually provided by soldering all package pins to a printed circuit board. The LM2574 includes internal frequency compensation and an internal 52kHz fixed frequency oscillator guaranteed to ±10% of the frequency. Circuits constructed around the LM2574 use a standard series of inductors which are available from several different manufacturers. All support documentation can be found on Micrel’s web site at www.micrel.com. Typical Application VIN PWR GND SIG GND ON/ OFF OUT FB LM2574 CIN 22µF 40V MAX UNREGULATED DC IN REGULATED OUTPUT 0.5A 11DQ05 COUT 220µF 330µH Figure 1. Fixed Output Regulator Circuit Features • 3.3V, 5V, 12V, and adjustable output versions • Adjustable version output 1.23V to 37V ±4% max. over line and load conditions. • Guaranteed 0.5A output current • Wide input voltage, up to 40V • Thermal shutdown and current limit protection • Requires only 4 external components. • Shutdown capability (standby mode) • Low power standby mode < 200µA Typical • High-efficiency • 52kHz fixed frequency internal oscillator • Uses standard inductors Applications • Simple high-efficiency step-down (buck) regulator • Efficient pre-regulator for linear regulators • On-card switching regulators • Positive to negative converter (buck-boost) Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com |
同様の部品番号 - LM2574_05 |
|
同様の説明 - LM2574_05 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |