データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC662308A データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LC662308A
部品情報  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC662308A データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LC662308A Datasheet HTML 4Page - Sanyo Semicon Device LC662308A Datasheet HTML 5Page - Sanyo Semicon Device LC662308A Datasheet HTML 6Page - Sanyo Semicon Device LC662308A Datasheet HTML 7Page - Sanyo Semicon Device LC662308A Datasheet HTML 8Page - Sanyo Semicon Device LC662308A Datasheet HTML 9Page - Sanyo Semicon Device LC662308A Datasheet HTML 10Page - Sanyo Semicon Device LC662308A Datasheet HTML 11Page - Sanyo Semicon Device LC662308A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
5. Inverter array circuit option
One of the following options can be selected for each of the following port sets: P40/P41, P42/P43, PD0/PD1, and
PD2/PD3. (PDs do not use option 1 because they are dedicated to input.)
No. 5483-8/25
LC662304A, 662306A, 662308A, 662312A, 662316A
Option
Circuit
Conditions and notes
1. Normal port I/O circuit
2. Inverter I/O circuit
When the open-drain output type is selected
When the built-in pull-up resistor output type is
selected
If this option is selected, The I/O circuit is
disabled by the DSB signal.
Also note that the open-drain port output type
option and the high level at reset option must be
selected.
DSB
Output data
Input data
DSB
Output data
Input data
DSB
DSB
Input
Output
Output data
high
Input data
Output data
high
Input data


同様の部品番号 - LC662308A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC662308A SANYO-LC662308A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662308A SANYO-LC662308A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662308A SANYO-LC662308A Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662308A SANYO-LC662308A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662308A SANYO-LC662308A Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

同様の説明 - LC662308A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com