データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC665316A データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 LC665316A
部品情報  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC665316A データシート(HTML) 7 Page - Sanyo Semicon Device

Back Button LC665316A Datasheet HTML 3Page - Sanyo Semicon Device LC665316A Datasheet HTML 4Page - Sanyo Semicon Device LC665316A Datasheet HTML 5Page - Sanyo Semicon Device LC665316A Datasheet HTML 6Page - Sanyo Semicon Device LC665316A Datasheet HTML 7Page - Sanyo Semicon Device LC665316A Datasheet HTML 8Page - Sanyo Semicon Device LC665316A Datasheet HTML 9Page - Sanyo Semicon Device LC665316A Datasheet HTML 10Page - Sanyo Semicon Device LC665316A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Continued from preceding page.
Note: Pull-up MOS type: The output circuit includes a MOS transistor that pulls the pin up to VDD.
CMOS output: Complementary output.
OD output: Open-drain output.
User Options
1. Port 0, 1, 4, 5, and 8 output level at reset option
The output levels at reset for I/O ports 0, 1, 4, 5, and 8, in independent 4-bit groups, can be selected from the
following two options.
2. Oscillator circuit options
• Main clock
Note: There is no RC oscillator option.
• Sub-clock
No. 5485-7/26
LC665304A, 665306A, 665308A, 665312A, 665316A
Pin
I/O
Overview
Output driver type
Options
State after a Standby mode
reset
operation
OSC1
OSC2
RES
TEST
VDD
VSS
System clock oscillator connections
When an external clock is used, leave
OSC2 open and connect the clock signal
to OSC1.
System reset input
When the P33/HOLD pin is at the high
level, a low level input to the RES pin will
initialize the CPU.
CPU test pin
This pin must be connected to VSS
during normal operation.
Power supply pins
I
O
I
I
Ceramic oscillator
or external clock
selection
Selected as
an option
Hold mode:
Oscillator
stopped
Halt mode:
Oscillator
operates
Option
Circuit
Conditions and notes
1. External clock
2. Ceramic oscillator
The input has Schmitt characteristics
Option
Circuit
Conditions and notes
1. Ports PE0 and PE1
2 Sub-oscillator
(crystal oscillator)
Option
Conditions and notes
1. Output high at reset
The four bits of ports 0, 1, 4, 5, or 8 are set in a group
2. Output low at reset
The four bits of ports 0, 1, 4, 5, or 8 are set in a group
OSC1
OSC1
OSC2
C1
C2
Ceramic oscillator
DSB
Input data
XT1
XT2
C1
C2
Crystal oscillator


同様の部品番号 - LC665316A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC665316A SANYO-LC665316A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC665316A SANYO-LC665316A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665316A SANYO-LC665316A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC665316A SANYO-LC665316A Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC665316A SANYO-LC665316A Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

同様の説明 - LC665316A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com