データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC66354S データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC66354S
部品情報  Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66354S データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LC66354S Datasheet HTML 2Page - Sanyo Semicon Device LC66354S Datasheet HTML 3Page - Sanyo Semicon Device LC66354S Datasheet HTML 4Page - Sanyo Semicon Device LC66354S Datasheet HTML 5Page - Sanyo Semicon Device LC66354S Datasheet HTML 6Page - Sanyo Semicon Device LC66354S Datasheet HTML 7Page - Sanyo Semicon Device LC66354S Datasheet HTML 8Page - Sanyo Semicon Device LC66354S Datasheet HTML 9Page - Sanyo Semicon Device LC66354S Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
No. 5997-6/17
LC662508A, 662512A, 662516A
Continued from preceding page.
Pin
I/O
Overview
Output driver type
Options
State after a Standby mode
reset
operation
P50
P51
P52
P53/INT2
P60/SI1/ML
P61/S01/
P62/
SCK1/DT/
P63/PIN1
P70
P71
P72
P73
I/O ports P50 to P53
• Input or output in 4-bit or 1-bit units
• Input or output in 8-bit units when used
in conjunction with P40 to P43.
• Can be used for output of 8-bit ROM
data when used in conjunction with
P40 to P43.
• P53 is also used as the INT2 interrupt
request.
I/O ports P60 to P63
• Input or output in 4-bit or 1-bit units
• P60 is also used as the SI1 serial input
pin and as the ML melody output pin.
• P61 is also used as the SO1 serial
output pin.
• P62 is also used as the SCK1 serial
clock pin and the DT dial tone output
pin.
• P63 is also used for the event count
input to timer 1.
Output ports P70 to P73
• Output in either 1-bit or 4-bit units.
• The contents of the output latch are
input by input instruction.
I/O
I/O
O
• Pch: Pull-up MOS type
• Nch: Intermediate sink current
type
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Nch: +15V handling when OD
option selected (P61 and P63
only)
• Pch: Pu MOS
• Nch: Intermediate sink current
type
• Pull-up MOS or
Nch OD output
• Output level on
reset
CMOS or Nch OD
output
(When the ML or DT
output is used,
select open-drain
output and provide
an external pull-up
resistor.)
Pull-up MOS or Nch
OD output
High or low
(option)
H
H
Hold mode:
Output off
Hold mode:
Output off
Hold mode:
Output off
Halt mode:
Output
retained
Halt mode:
Output
retained
Halt mode:
Output
retained
P80
P81
P82
P83
Output ports P80 to P83
• Output in either 1-bit or 4-bit units.
• The contents of the output latch are
input by input instruction.
O
• Pch: Pu MOS
• Nch: Intermediate sink current
type
• CMOS or Pch OD
output
• Output level on
reset
High or low
(option)
P90
P91
P92
P93
I/O ports P90 to 93.
• Input or output in either 1-bit or 4-bit
units.
I/O
• Pch: CMOS
• Nch: Intermediate sink current
type
CMOS or Nch OD
output
H
PA0
PA1
PA2
PA3
Output ports PA0 to PA3
• Output in either 1-bit or 4-bit units.
• The contents of the output latch are
input by input instruction.
O
• Pch: Pu MOS
• Nch: +15-V handling when
OD option selected
Pull-up MOS or Nch
OD output
H
PB0
PB1
PB2
PB3
Output ports PB0 to PB3
• Output in either 1-bit or 4-bit units.
• The contents of the output latch are
input by input instruction.
O
• Pch: Pull-up MOS
• Nch: Intermediate sink current
type
Pull-up MOS or Nch
OD output
H
PC0
PC1
PC2/INV2I
PC3/INV2O
I/O ports PC0 to PC3
• Output in either 1-bit or 4-bit units.
• Dedicated input ports PC2 to PC3
• Dedicated inverter circuits (option)
I/O
• Pch: CMOS
• Nch: Intermediate sink current
type
• CMOS or Nch OD
output
• Inverter circuit
High or
inverter I/O
(option)
Hold mode:
Port output
off
Inverter
output off
Halt mode:
Port output
retained
Inverter
output
retained
Continued on next page.
Hold mode:
Output off
Halt mode:
Output
retained
Hold mode:
Output off
Halt mode:
Output
retained
Hold mode:
Output off
Halt mode:
Output
retained
Hold mode:
Output off
Halt mode:
Output
retained


同様の部品番号 - LC66354S

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC66354S SANYO-LC66354S Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66354S SANYO-LC66354S Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66354S SANYO-LC66354S Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354S SANYO-LC66354S Datasheet
465Kb / 19P
   4-bit Microcontroller with Built-in PROM??????
LC66354S SANYO-LC66354S Datasheet
617Kb / 24P
   4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
More results

同様の説明 - LC66354S

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com