データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC66356S データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC66356S
部品情報  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66356S データシート(HTML) 3 Page - Sanyo Semicon Device

  LC66356S Datasheet HTML 1Page - Sanyo Semicon Device LC66356S Datasheet HTML 2Page - Sanyo Semicon Device LC66356S Datasheet HTML 3Page - Sanyo Semicon Device LC66356S Datasheet HTML 4Page - Sanyo Semicon Device LC66356S Datasheet HTML 5Page - Sanyo Semicon Device LC66356S Datasheet HTML 6Page - Sanyo Semicon Device LC66356S Datasheet HTML 7Page - Sanyo Semicon Device LC66356S Datasheet HTML 8Page - Sanyo Semicon Device LC66356S Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Pin Assignments
We recommend the use of reflow soldering techniques to solder-mount QFP packages.
Please consult with your Sanyo representative for details on process conditions if the package itself is to be directly
immersed in a dip-soldering bath (dip-soldering techniques).
No. 5485-3/26
LC665304A, 665306A, 665308A, 665312A, 665316A
DIP48S
P20/SI0
P21/SO0
P22/SCK0
P23/INT0
P30/INT1
P31/POUT0
P32/POUT1
VSS
OSC1
OSC2
VDD
RES
PE0/XT1
PE1/XT2
TEST
P33/HOLD
P40/INV0I
P41/INV0O
P42/INV1I
P43/INV1O
P50
P51
P52
P53/INT2
P13
P12
P11
P10
P03
P02
P01
P00
PD3/AN4/INV4O
PD2/AN3/INV4I
PD1/AN2/INV3O
PD0/AN1/INV3I
PC3/INV2O
PC2/INV2I
PC1
PC0
P83
P82
P81/DS1
P80/DS0
P63/PIN1
P62/SCK1
P61/SO1
P60/SI1
LC665304A
5306A
5308A
5312A
5316A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
QFP48E
LC665304A
5306A
5308A
5312A
5316A
36
37
P02
1
35
2
34
3
33
4
32
5
31
6
30
7
29
8
28
9
27
10
26
11
25
12
24
P81/DS1
38
P03
23
P80/DS0
39
P10
22
P63/PIN1
40
P11
21
P62/SCK1
41
P12
20
P61/SO1
42
P13
19
P60/SI1
43
P20/S10
18
P53/INT2
44
P21/SO0
17
P52
45
P22/SCK0
16
P51
46
P23/INT0
15
P50
47
P30/INT1
14
P43/INV1O
48
P31/POUT0
13
P42/INV1I
Top view


同様の部品番号 - LC66356S

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC66356S SANYO-LC66356S Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66356S SANYO-LC66356S Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66356S SANYO-LC66356S Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66356S SANYO-LC66356S Datasheet
465Kb / 19P
   4-bit Microcontroller with Built-in PROM??????
LC66356S SANYO-LC66356S Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
More results

同様の説明 - LC66356S

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26