データシートサーチシステム |
|
LC66358B データシート(PDF) 1 Page - Sanyo Semicon Device |
|
LC66358B データシート(HTML) 1 Page - Sanyo Semicon Device |
1 / 13 page Ordering number : EN5996 101698RM (OT) No. 5966-1/13 Overview The LC662104A, LC662106A, and LC662108A are 4-bit CMOS microcontrollers that integrate on a single chip all the functions required in a special-purpose telephone controller, including ROM, RAM, I/O ports, a serial interface, a DTMF generator, timers, and interrupt functions. These microcontrollers are available in a 30-pin package. Features and Functions • On-chip ROM capacities of 4, 6, and 8 kilobytes, and an on-chip RAM capacity of 384 × 4 bits. • Fully supports the LC66000 Series common instruction set (128 instructions). (The special-purpose instructions for TM1 and SI/01 are disabled.) • I/O ports: 24 pins • DTMF generator This microcontroller incorporates a circuit that can generate two sine wave outputs, DTMF output. • 8-bit serial interface: one circuit • Instruction cycle time: 0.95 to 10 µs (at 3.0 to 5.5 V) • Powerful timer functions and prescalers — Time limit timer, event counter, pulse width measurement, and square wave output using a 12-bit timer. — Time base function using a 12-bit prescaler. • Powerful interrupt system with 6 interrupt factors and 6 interrupt vector locations. — External interrupts: 3 factors/3 vector locations — Internal interrupts: 3 factors/3 vector locations • Flexible I/O functions Selectable options include 20-mA drive outputs, pull-up and open drain circuits. • Optional runaway detection function (watchdog timer) • 8-bit I/O functions • Power saving functions using halt and hold modes. • Packages: DIP30SD, MFP30S • Evaluation ICs: LC665099 (evaluation chip) + EVA86K - ECB662500 LC66E2108(on-chip EPROM microcontroller) LC662104A, 662106A, 662108A SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM CMOS IC Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft’s control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein. |
同様の部品番号 - LC66358B |
|
同様の説明 - LC66358B |