データシートサーチシステム |
|
LC66354C データシート(PDF) 1 Page - Sanyo Semicon Device |
|
LC66354C データシート(HTML) 1 Page - Sanyo Semicon Device |
1 / 27 page 22897HA (OT) No. 5487-1/27 Overview The LC66P2316 is an on-chip OTP PROM version of the LC6623XX Series CMOS 4-bit single-chip micro- controllers. The LC66P2316 is appropriate for program development and product evaluation since it provides identical functionality and pin compatibility with the LC662316A. Features and Functions • On-chip OTP ROM capacity of 16 kilobytes, and an on- chip RAM capacity of 512 × 4 bits. • Fully supports the LC66000 Series common instruction set (128 instructions). • I/O ports: 36 pins • DTMF generator This microcontroller incorporates a circuit that can generate two sine wave outputs, DTMF output, or a melody output for software applications. • 8-bit serial interface: one circuit • Instruction cycle time: 0.95 to 10 µs (at 4.0 to 5.5 V) • Powerful timer functions and prescalers — Time limit timer, event counter, pulse width measurement, and square wave output using a 12-bit timer. — Time limit timer, event counter, PWM output, and square wave output using an 8-bit timer. — Time base function using a 12-bit prescaler. • Powerful interrupt system with 10 interrupt factors and 7 interrupt vector locations. — External interrupts: 3 factors/3 vector locations — Internal interrupts: 4 factors/4 vector locations (Waveform output internal interrupts: 3 factors and 1 vector; shared with external expansion interrupts) • Flexible I/O functions Selectable options include 20-mA drive outputs, inverter circuits, pull-up and open drain circuits. • Optional runaway detection function (watchdog timer) • 8-bit I/O functions • Power saving functions using halt and hold modes. • Packages: DIP42S, QIP48E (QFP48E) • Evaluation LSIs: LC66599 (evaluation chip) + EVA800/850-TB662YXX2 Package Dimensions unit: mm 3025B-DIP42S unit: mm 3156-QFP48E Preliminary LC66P2316 SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM CMOS LSI (STAND OFF) 17.2 1.5 1.5 1.6 0.35 15.6 0.8 1.0 2.70 0.1 0.15 112 24 25 13 48 36 14.0 37 SANYO: QFP48E [LC66P2316] SANYO: DIP42S 1 37.9 0.95 0.48 1.78 1.15 22 21 42 [LC66P2316] No. 5487 |
同様の部品番号 - LC66354C |
|
同様の説明 - LC66354C |