データシートサーチシステム |
|
LC66508B データシート(PDF) 9 Page - Sanyo Semicon Device |
|
LC66508B データシート(HTML) 9 Page - Sanyo Semicon Device |
9 / 17 page No. 5997-9/17 LC662508A, 662512A, 662516A 5. Inverter array circuit option One of the following options can be selected for each of the following port sets: P40/P41, P42/P43, PC2/PC3, PD0/PD1, and PD2/PD3. (PDs do not use option 1 because they are dedicated to input.) Option Circuit Conditions and notes Normal port I/O circuit Inverter I/O circuit When the open-drain output type is selected When the built-in pull-up resistor output type is selected. The CMOS outputs (PC) and the pull-up MOS outputs (P4) are distinguished by the drive capacity of the P-channel transistor. If this option is selected, The I/O circuit is disabled by the DSB signal. Also note that the open-drain port output type option and the high level at reset option must be selected. DSB Output data Input data DSB Output data Input data DSB DSB Input Output Output data high Input data Output data high Input data |
同様の部品番号 - LC66508B |
|
同様の説明 - LC66508B |