データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC66356A データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC66356A
部品情報  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66356A データシート(HTML) 3 Page - Sanyo Semicon Device

  LC66356A Datasheet HTML 1Page - Sanyo Semicon Device LC66356A Datasheet HTML 2Page - Sanyo Semicon Device LC66356A Datasheet HTML 3Page - Sanyo Semicon Device LC66356A Datasheet HTML 4Page - Sanyo Semicon Device LC66356A Datasheet HTML 5Page - Sanyo Semicon Device LC66356A Datasheet HTML 6Page - Sanyo Semicon Device LC66356A Datasheet HTML 7Page - Sanyo Semicon Device LC66356A Datasheet HTML 8Page - Sanyo Semicon Device LC66356A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Pin Assignments
We recommend the use of reflow-soldering techniques to solder-mount QFP packages.
Please consult with your Sanyo representative for details on process conditions if the package itself is to be directly
immersed in a dip-soldering bath (dip-soldering techniques).
No. 5487-3/27
LC66P2316
1
DIP42S
P20/SI0/A0
2
P21/SO0/A1
3
P22/SCK0/A2
4
P23/INT0/A3
5
P30/INT1/A4
6
P31/POUT0/A5
7
P32/POUT1/A6
8
VSS
9
OSC1
10
OSC2
11
VDD
12
RES/VPP/OE
13
PE0
14
PE1
15
TEST/EPMOD
16
P33/HOLD
17
P40/INV0I/A7
18
P41/INV0O/A8
19
P42/INV1I/A9
20
P43/INV1O/A10
21
P50/A11
42
P13/D7
41
P12/D6
40
P11/D5
39
P10/D4
38
P03/D3
37
P02/D2
36
P01/D1
35
P00/D0
34
PD3/INV3O
LC66P2316
33
PD2/INV3I
32
PD1/INV2O
31
PD0/INV2I
30
PC3/DASEC
29
PC2/CE
28
P63/PIN1
27
P62/DT
26
P61
25
P60/ML
24
P53/INT2/TA
23
P52/A13
22
P51/A12
QFP48E
LC66P2316
36
37
P03/D3
1
35
2
34
3
33
4
32
5
31
6
30
7
29
8
28
9
27
10
26
11
25
12
24
P61/DP
38
P10/D4
23
P60/ML
39
P11/D5
22
P53/TA
40
P12/D6
21
P52/A13
41
P13/D7
20
P51/A12
42
NC
19
NC
43
NC
18
NC
44
P20/SI0/A0
17
P50/A11
45
P21/SO0/A1
16
P43/INV10/A10
46
P22/SCK0/A2
15
P42/INV11/A9
47
P23/INT0/A3
14
P41/INV00/A8
48
P30/INT1/A4
13
P40/INV01/A7
Top view


同様の部品番号 - LC66356A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC66356A SANYO-LC66356A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66356A SANYO-LC66356A Datasheet
527Kb / 19P
   4-bit single-chip microcomputer with EPROM?
LC66356A SANYO-LC66356A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66356A SANYO-LC66356A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66356A SANYO-LC66356A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
More results

同様の説明 - LC66356A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
   Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27