データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC72136M データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC72136M
部品情報  PLL Frequency Synthesizer for Electronic Tuning
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72136M データシート(HTML) 3 Page - Sanyo Semicon Device

  LC72136M Datasheet HTML 1Page - Sanyo Semicon Device LC72136M Datasheet HTML 2Page - Sanyo Semicon Device LC72136M Datasheet HTML 3Page - Sanyo Semicon Device LC72136M Datasheet HTML 4Page - Sanyo Semicon Device LC72136M Datasheet HTML 5Page - Sanyo Semicon Device LC72136M Datasheet HTML 6Page - Sanyo Semicon Device LC72136M Datasheet HTML 7Page - Sanyo Semicon Device LC72136M Datasheet HTML 8Page - Sanyo Semicon Device LC72136M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Block Diagram
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
No. 5038-3/23
LC72136, 72136M
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VIN1 max
CE, CL, DI, AIN
–0.3 to +7.0
V
Maximum input voltage
VIN2 max
XIN, FMIN, AMIN, IFIN
–0.3 to VDD + 0.3
V
VIN3 max
IO1, IO2
–0.3 to +15
V
VO1 max
DO
–0.3 to +7.0
V
Maximum output voltage
VO2 max
XOUT, PD
–0.3 to VDD + 0.3
V
VO3 max
BO1 to BO5, BOF, IO1, IO2, AOUT
–0.3 to +15
V
IO1 max
BO1
0 to 3.0
mA
Maximum output current
IO2 max
AOUT, DO
0 to 6.0
mA
IO3 max
BO2 to BO5, BOF, IO1, IO2
0 to 10.0
mA
Allowable power dissipation
Pd max
Ta
≤ 70°C: LC72136 (DIP22S)
350
mW
Ta
≤ 70°C: LC72136M (MFP24S)
200
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +125
°C


同様の部品番号 - LC72136M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136NM SANYO-LC72136NM Datasheet
319Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results

同様の説明 - LC72136M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
   Direct PLL Frequency Synthesizer for Electronic Tuning
LC72122V SANYO-LC72122V Datasheet
346Kb / 22P
   PLL Frequency Synthesizer for Portable Equipment Electronic Tuning
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com