データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC7218 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC7218
部品情報  PLL Frequency Synthesizer for Electronic Tuning in AV Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7218 データシート(HTML) 1 Page - Sanyo Semicon Device

  LC7218 Datasheet HTML 1Page - Sanyo Semicon Device LC7218 Datasheet HTML 2Page - Sanyo Semicon Device LC7218 Datasheet HTML 3Page - Sanyo Semicon Device LC7218 Datasheet HTML 4Page - Sanyo Semicon Device LC7218 Datasheet HTML 5Page - Sanyo Semicon Device LC7218 Datasheet HTML 6Page - Sanyo Semicon Device LC7218 Datasheet HTML 7Page - Sanyo Semicon Device LC7218 Datasheet HTML 8Page - Sanyo Semicon Device LC7218 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMOS LSI
Ordering number : EN4758B
63096HA (OT)/42895TH (OT) No. 4758-1/16
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
PLL Frequency Synthesizer
for Electronic Tuning in AV Systems
LC7218, 7218M, 7218JM
Overview
The LC7218, LC7218M and LC7218JM are PLL
frequency synthesizers for electronic tuning. The LC7218,
LC7218M and LC7218JM are optimal for AM/FM tuner
circuits that require high mounting densities.
Features
• These products feature a rich set of built-in functions for
AV applications, including reference frequency and
unlock detection circuits, I/O ports and a general-
purpose counter.
Functions
• Programmable dividers
— FMIN pin: 130 MHz at 70 mVrms and 160 MHz at
100 mVrms input (built-in prescaler)
— AMIN pin: Pulse swallower and direct division
techniques
• Reference frequencies: Ten selectable frequencies:
1, 5, 9, 10, 3.125, 6.25, 12.5 25, 50 and 100 kHz
• Output ports: 7 pins
Complementary outputs: 2 pins
N-channel open drain outputs: 5 pins
• Input ports: 2 pins
• General-purpose counter: For measuring IF and other
signals (Also used for station detection when
functioning as an IF counter.)
— HCTR pin: Frequency measurement (for inputs up
to 70 MHz)
— LCTR pin: Frequency and period measurement
• PLL unlock detection circuit
Detects phase differences of 0.55, 1.11, 2.22 and 3.33 µs.
• Controller clock output: 400 kHz
• Clock time base output: 8 Hz
• Serial data I/O
— Supports CCB format communication with the
system controller.
• Package: LC7218: DIP24S
LC7218M: MFP24
LC7218JM: MFP24S
Package Dimensions
unit: mm
3067-DIP24S
SANYO: DIP24S
[LC7218]
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


同様の部品番号 - LC7218

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
LC721 SEOUL-LC721 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC721 SEOUL-LC721 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC721 SEOUL-LC721 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC721 SEOUL-LC721 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC721 SEOUL-LC721 Datasheet
378Kb / 14P
   RED LAMP LED
More results

同様の説明 - LC7218

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LM7005 SANYO-LM7005 Datasheet
306Kb / 11P
   Electronic AV Tuner-Use Electronic Tuning PLL Frequency Synthesizer
LC72151V SANYO-LC72151V Datasheet
325Kb / 29P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
   Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com