データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC665312A データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 LC665312A
部品情報  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC665312A データシート(HTML) 7 Page - Sanyo Semicon Device

Back Button LC665312A Datasheet HTML 3Page - Sanyo Semicon Device LC665312A Datasheet HTML 4Page - Sanyo Semicon Device LC665312A Datasheet HTML 5Page - Sanyo Semicon Device LC665312A Datasheet HTML 6Page - Sanyo Semicon Device LC665312A Datasheet HTML 7Page - Sanyo Semicon Device LC665312A Datasheet HTML 8Page - Sanyo Semicon Device LC665312A Datasheet HTML 9Page - Sanyo Semicon Device LC665312A Datasheet HTML 10Page - Sanyo Semicon Device LC665312A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Continued from preceding page.
Note: Pull-up MOS type: The output circuit includes a MOS transistor that pulls the pin up to VDD.
CMOS output: Complementary output.
OD output: Open-drain output.
No. 5486-7/26
LC66E2316
Pin
I/O
Overview
Output driver type
Options
State after a Standby mode
reset
operation
PC2/CE
PC3/DASEC
PD0/INV2I
PD1/INV2O
PD2/INV3I
PD3/INV3O
PE0
PE1
OSC1
OSC2
RES/VPP/
OE
TEST/
EPMOD
VDD
VSS
I/O ports PC2 to PC3
• Output in 2-bit or 1-bit units
• PC3 is also used as the control CE and
DASEC pin in EPROM mode.
Dedicated input ports PD0 to PD3
Dedicated inverter circuits (option)
Dedicated input ports
System clock oscillator connections
When an external clock is used, leave
OSC2 open and connect the clock signal
to OSC1.
System reset input
• When the P33/HOLD pin is at the high
level, a low level input to the RES pin
will initialize the CPU.
• This pin is also used as the VPP/OE
pin in EPROM mode.
CPU test pin
This pin must be connected to VSS
during normal operation. Setting this pin
to +12 V switches the LC66E2316 to
EPROM mode.
Power supply pins
I
I
I
I
O
I
I
• Pch: CMOS type
• Nch: Intermediate sink current
type
• When the inverter circuit
option is selected.
• Pch: CMOS type
• Nch: Intermediate sink current
type
CMOS or Nch OD
output
Inverter circuits
Ceramic oscillator
or external clock
selection
H
Normal
input
Inverter I/O
goes to the
output off
state.
Option
selection
Hold mode:
Port output
off
Hold mode:
Inverter
Output off
Halt mode:
Inverter
output
continues
Hold mode:
input
disabled
Hold mode:
oscillator
stops
Halt mode:
inputs
accepted
Halt mode:
oscillator
continues
Halt mode:
Port output
retained


同様の部品番号 - LC665312A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC665312A SANYO-LC665312A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC665312A SANYO-LC665312A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665312A SANYO-LC665312A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC665312A SANYO-LC665312A Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC665312A SANYO-LC665312A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
More results

同様の説明 - LC665312A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC58E7008 SANYO-LC58E7008 Datasheet
486Kb / 17P
   On-Chip EPROM Microcomputer 4-Bit Single-Chip Microcontroller with LCD Driver, 16 Kbytes of EPROM and 2Kbits of RAM On-Chip
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com