データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC66P2108 データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC66P2108
部品情報  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66P2108 データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LC66P2108 Datasheet HTML 2Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 3Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 4Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 5Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 6Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 7Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 8Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 9Page - Sanyo Semicon Device LC66P2108 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
No. 5485-6/26
LC665304A, 665306A, 665308A, 665312A, 665316A
Pin
I/O
Overview
Output driver type
Options
State after a Standby mode
reset
operation
P50
P51
P52
P53/INT2
P60/SI1
P61/SO1
P62/SCK1
P63/PIN1
P80/DS0
P81/DS1
P82
P83
PC0
PC1
PC2/INV2I
PC3/INV2O
PD0/AN1/
INV3I
PD1/AN2/
INV3O
PD2/AN3
INV4I
PD3/AN4/
INV4O
PE0/XT1
PE1/XT2
I/O ports P50 to P53
• Input or output in 4-bit or 1-bit units
• Input or output in 8-bit units when used
in conjunction with P40 to P43.
• Can be used for output of 8-bit ROM
data when used in conjunction with
P40 to P43.
• P53 is also used as the INT2 interrupt
request.
I/O ports P60 to P63
• Input or output in 4-bit or 1-bit units
• P60 is also used as the serial input SI1
pin.
• P61 is also used as the serial output
SO1 pin.
• P62 is also used as the serial clock
SCK1 pin.
• P63 is also used for the event count
input to timer 1.
Dedicated output ports P80 to P83
• Output in 4-bit or 1-bit units
• The contents of the output latch are
input using input instructions.
• P80 is a buffer input or a zero-cross
buffer input and P81 is a buffer input
(options).
I/O ports PC0 to PC3
• Output in 4-bit or 1-bit units
• Dedicated inverter circuits (option)
Dedicated input ports PD0 to PD3
• Can be switched in software to function
as 16-value analog inputs.
• Dedicated inverter circuits (option)
Dedicated input ports and sub-oscillator
connections
I/O
I/O
O
I/O
I
I
• Pch: Pull-up MOS type
• Nch: Intermediate sink current
type
• Pch: MOS type
• Nch: Intermediate sink current
type
• Nch: +7-V handling when OD
option selected (P61 and P63
only)
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Inverter circuits can be
selected as options.
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Pull-up MOS or
Nch OD output
• Output level on
reset
• CMOS or Nch OD
output
• CMOS or Pch OD
output
• Output level at
reset
• Buffer circuit
• Zero-cross
detector buffer
circuit
• CMOS or Nch OD
output
• Inverter circuit
Inverter circuit
Sub-oscillator/port
PE selection
High or low
(option)
H
High or low
Buffered I/O
(option)
H
Normal
input or
inverter I/O
(option)
Selected as
an option
Hold mode:
Output off
Hold mode:
Output off
Halt mode:
Output
retained
Hold mode:
Port output
off, buffer
output off
Hold mode:
Port output
off, inverter
output off
Inverter:
• Hold mode:
Output off
• Halt mode:
Output
continues
Sub-
oscillator:
Hold mode:
Oscillator
stopped
Halt mode:
Oscillator
operates
Halt mode:
Port output
retained,
inverter
output
continues.
Halt mode:
Port output
retained,
buffer output
continues
with the
buffer
resistor off.
Halt mode:
Output
retained
Continued on next page.


同様の部品番号 - LC66P2108

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC66P2108 SANYO-LC66P2108 Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66P2108 SANYO-LC66P2108 Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66P2108 SANYO-LC66P2108 Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66P2108 SANYO-LC66P2108 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2108 SANYO-LC66P2108 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

同様の説明 - LC66P2108

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com