データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC72336 データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LC72336
部品情報  Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72336 データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LC72336 Datasheet HTML 6Page - Sanyo Semicon Device LC72336 Datasheet HTML 7Page - Sanyo Semicon Device LC72336 Datasheet HTML 8Page - Sanyo Semicon Device LC72336 Datasheet HTML 9Page - Sanyo Semicon Device LC72336 Datasheet HTML 10Page - Sanyo Semicon Device LC72336 Datasheet HTML 11Page - Sanyo Semicon Device LC72336 Datasheet HTML 12Page - Sanyo Semicon Device LC72336 Datasheet HTML 13Page - Sanyo Semicon Device LC72336 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Continued from preceding page.
No. 5157-10/16
LC72336, 72338
Continued on next page.
Pin No.
Symbol
I/O
I/O type
Function
64
63
62
61
22
21
20
19
60
59
79
2
58
57
56
55 to 40
PJ0/DAC0
PJ1/DAC1
PJ2/DAC2
PJ3/DAC3
PK0/INT0
PK1/INT1
PK2
PK3
Vdd1
Vdd2
TEST1
TEST2
COM1
COM2
COM3
S1 to S16
O
I/O
O
O
N-channel open
drain
CMOS push-pull
CMOS 3-value
output
CMOS 3-value
output
Shared-function general-purpose and D/A converter output port
The IOS instruction (Pn = 9) is used to switch these pins between the general-purpose
and D/A converter output port functions.
Since these pins are open drain circuits, pull-up resistors are required in external circuits
accepting these outputs.
• When used as a general-purpose port:
Set the general-purpose input port function with the IOS instruction (Pn = 9).
• When used for D/A converter output:
Use the IOS instruction (Pn = 9) to switch the port in bit units.
D/A converter data is loaded into the DAC0 to DAC3 specified with the DAC instruction.
Although a PWM waveform is output as soon as the port is switched, after data is
loaded, the data prior to that load is output for up to 114 µs (1/8.79 kHz).
In clock stop mode, these outputs go to the transistor off (high output) state.
The general-purpose output port function is selected after a power-on reset, and the
outputs go to the transistor off (high output) state.
Shared-function general-purpose I/O and external interrupt port
There is no instruction that switches between the general-purpose port and the external
interrupt pin functions. Rather, the corresponding pin becomes an input-only pin (output
disabled) at the point where the external interrupt enable flag for that pin is set.
• When used as a general-purpose I/O port:
Input or output can be specified in bit units (bit I/O).
The IOS instruction is used to specify input or output in bit units.
• When used as external interrupt pins:
These pins are enabled by setting the external interrupt enable flags (INT0EN and
INT1EN) in status register 2. At that point the pin is automatically set up to be an input
port.
The status register 1 interrupt enable flag (INTEN) must also be set to enable interrupt
operation.
Use the IOS instruction (Pn = 3, b1 = INT1, b0 = INT0) to select rising or falling edge
detection.
Input is disabled with the pins in the high-impedance state in clock stop mode.
The general-purpose input port function is selected after a power-on reset.
Apply the LCD drive bias 2/3 voltage to this pin.
Apply the LCD drive bias 1/3 voltage to this pin.
LSI test pin
This pin must be left open or connected to ground.
LCD driver common output pins
This drive circuit implements a 1/3-duty, 1/3-bias drive scheme.
These pins are fixed at the low level in clock stop mode.
These pins are fixed at the low level after a power-on reset.
LCD driver segment output pins
This drive circuit implements a 1/3-duty, 1/3-bias drive scheme.
The frame frequency is 100 Hz.
These pins are fixed at the low level in clock stop mode.
These pins are fixed at the low level after a power-on reset.


同様の部品番号 - LC72336

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC723341E SANYO-LC723341E Datasheet
292Kb / 11P
   LC723341E
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
More results

同様の説明 - LC72336

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com