データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC72349W データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC72349W
部品情報  Low-Voltage ETR Controller with On-Chip LCD Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72349W データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LC72349W Datasheet HTML 5Page - Sanyo Semicon Device LC72349W Datasheet HTML 6Page - Sanyo Semicon Device LC72349W Datasheet HTML 7Page - Sanyo Semicon Device LC72349W Datasheet HTML 8Page - Sanyo Semicon Device LC72349W Datasheet HTML 9Page - Sanyo Semicon Device LC72349W Datasheet HTML 10Page - Sanyo Semicon Device LC72349W Datasheet HTML 11Page - Sanyo Semicon Device LC72349W Datasheet HTML 12Page - Sanyo Semicon Device LC72349W Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
No. 6472-9/14
LC72348G/W, 72349G/W
Continued from preceding page.
Pin No.
Pin
I/O
Function
I/O circuit
System reset input.
In CPU operating mode or halt mode, applications must apply a low level for at least
one full machine cycle to reset the system and restart execution with the PC set to
location 0. This pin is connected in parallel with the internal power on reset circuit.
53
RES
I
Tuning voltage generation circuit outputs.
These pins include an n-channel transistor, and a tuning voltage can be generated by
connecting external coil, diode, and capacitor components.
FM DC-DC clock switching is a mask option.
54
TU
O
N-channel open-drain
FM VCO (local oscillator) input.
This pin is selected with the PLL instruction CW1.
The input must be capacitor coupled.
Input is disabled in backup mode, in halt mode, after a reset, and in PLL stop mode.
56
FMIN
I
CMOS amplifier input
AM VCO (local oscillator) input.
This pin and the bandwidth are selected with the PLL instruction CW1.
The input must be capacitor coupled.
Input is disabled in backup mode, in halt mode, after a reset, and in PLL stop mode.
57
AMIN
I
CMOS amplifier input
Main charge pump output. When the local oscillator frequency divided by N is higher
than the reference frequency a high level is output, when lower, a low level is output.
The pin is set to the high-impedance state when the frequencies match.
Output goes to the high-impedance state in backup mode, in halt mode, after a reset,
and in PLL stop mode.
59
EO
O
Transistor used for the low-pass filter amplifier.
Connect AGND to ground.
60
61
62
AIN
AOUT
AGND
O
Power supply pin.
This pin must be connected to ground.
This pin must be connected to ground.
This pin must be connected to VDD.
24
58
55
VSS
VSS
VDD
CMOS push-pull
DC-DC clock
AM
AM local 1/2
FM
FM local 1/256 or 75 kHz
CW1 b1, b0
Bandwidth
1
1
0.5 to 10 MHz (MW, LW)
Note 2:
When a pin in an I/O switching port is used as an output, applications must first set up the data with an OUT, SPB, or RPB instruction and then set
up output mode with an IOS instruction.


同様の部品番号 - LC72349W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72341 SANYO-LC72341 Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341W SANYO-LC72341W Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
More results

同様の説明 - LC72349W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
NEC
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Sanyo Semicon Device
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
logo
Sitronix Technology Co....
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com