データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC72708E データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LC72708E
部品情報  FM Multiplex Broadcast Reception IC for Mobile VICS Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72708E データシート(HTML) 5 Page - Sanyo Semicon Device

  LC72708E Datasheet HTML 1Page - Sanyo Semicon Device LC72708E Datasheet HTML 2Page - Sanyo Semicon Device LC72708E Datasheet HTML 3Page - Sanyo Semicon Device LC72708E Datasheet HTML 4Page - Sanyo Semicon Device LC72708E Datasheet HTML 5Page - Sanyo Semicon Device LC72708E Datasheet HTML 6Page - Sanyo Semicon Device LC72708E Datasheet HTML 7Page - Sanyo Semicon Device LC72708E Datasheet HTML 8Page - Sanyo Semicon Device LC72708E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data I/O Techniques
• CCB Technique
Sanyo audio ICs input and output data using the Sanyo CCB (computer control bus) standard, which is a serial bus
format. This IC uses an 8-bit address CCB and uses the following addresses.
• Data Input Timing
No. 5875-5/15
LC72708E
I/O mode
Address
Function
B0
B1
B2
B3
A0
A1
A2
A3
Input
0
1
0
1
1
1
1
1
16-bit control data input
Output
1
1
0
1
1
1
1
1
Data output for the input clock (CL)
Input
0
0
1
1
1
1
1
1
Data input (in 8-bit units) for the layer 4 CRC check circuit
• Data Output Timing
Note:The DO pin is normally left open.
Since the DO pin is an n-channel open drain pin, the time required for the data to change from the low level to the high level depends on the value of
the pull-up resistor.
Internal data latching
Continued from preceding page.
Note: A capacitor of at least 2000 pF must be inserted between VDDD and VSSD when using this IC.
Pin No.
Pin Name
Function
I/O
Circuit type
VREF
35
Reference voltage output (Vdda/2)
Output
VDDA
VSSA
VDDD
VSSD
37
34
2, 10, 24
11,23, 43
Analog system power supply
Analog system ground
Digital system power supply (4.5 to 5.5 V)
Digital system ground


同様の部品番号 - LC72708E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72700 SANYO-LC72700 Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700G SANYO-LC72700G Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
More results

同様の説明 - LC72708E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72709E SANYO-LC72709E Datasheet
194Kb / 16P
   FM Multiplex Reception IC for Mobile Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
logo
Sanyo Semicon Device
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Panasonic Semiconductor
AN7261FBQ PANASONIC-AN7261FBQ Datasheet
54Kb / 5P
   FM multiplex reception IC
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com