データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC72714 データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LC72714
部品情報  Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72714 データシート(HTML) 5 Page - Sanyo Semicon Device

  LC72714 Datasheet HTML 1Page - Sanyo Semicon Device LC72714 Datasheet HTML 2Page - Sanyo Semicon Device LC72714 Datasheet HTML 3Page - Sanyo Semicon Device LC72714 Datasheet HTML 4Page - Sanyo Semicon Device LC72714 Datasheet HTML 5Page - Sanyo Semicon Device LC72714 Datasheet HTML 6Page - Sanyo Semicon Device LC72714 Datasheet HTML 7Page - Sanyo Semicon Device LC72714 Datasheet HTML 8Page - Sanyo Semicon Device LC72714 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
No. 6871-5/29
LC72714W
Pin Functions
Pin No.
Pin
Function
I/O
Pin circuit
Data bus I/O control 1 (SP = low)*1
Data bus I/O control 2 (SP = low)*1
DMA acknowledge (SP = low)*1
Write control signal (SP = low)*1
Read control signal (SP = low)*1
Address input 0 (SP = low) CCB CL input (SP = low)
1 (SP = low) CCB CE input (SP = low)
2 (SP = low) CCB DI input (SP = low)
3 (SP = low)*1
Chip select input (SP = L)*1
System reset input (negative logic)
Standby mode (positive logic)
3
4
13
38
39
40
41
42
43
44
46
45
IOCNT1
IOCNT2
DACK
WR
RD
A0/CL
A1/CE
A2/DI
A3
CS
RST
STNBY
SP = low: parallel, SP = high: serial
BUSWD = low: 8 bits, BUSWD = high: 16 bits
The test pin must be connected to the digital system ground (VSS).
Must be connected to the digital system power supply (VDD) or ground
(VSS) in normal operation.
As above
As above
As above
As above
47
48
60
58
59
61
62
49
SP
BUSWD
TEST
TPC1
TPC2
TOSEL1
TOSEL2
TIN
Clock regeneration monitor
Demodulated data monitor
5
6
CLK16
DATA
Frame start signal output
Block start signal output
Outputs a high level during frame synchronization
Outputs a high level during block synchronization
Level 4 CRC detection result output
9
10
7
8
11
FCK
BCK
FLOCK
BLOCK
CRC4
External CPU interrupt request output
DMA request signal
Read ready signal
Input
Input
Output
I/O
33
12
16
INT
DREQ
RDY
Data bus
The bus width can be set to be either 8 bits or 16 bits by the BUSWD
pin (pin 48).
For data input, only the lower 8 bits (D0 to D7) are valid. *3
17 to 24
D0 to D7
Output
Data bus (in 16-bit mode)
These pins are held in the output off state when BUSWD is low.
25 to 32
D8 to D15
I/O
Connections for the system clock crystal oscillator circuit.
The XIN pin can also be used as an external clock signal input.
64
1
XIN
XOUT
Input
Baseband (multiplex) signal input
53
MPXIN
+
Output
Subcarrier output (76 kHz bandpass filter output)
55
FLOUT
Continued on next page.


同様の部品番号 - LC72714

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72710 SANYO-LC72710 Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72710LW SANYO-LC72710LW Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72711LW SANYO-LC72711LW Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72711LW SANYO-LC72711LW Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results

同様の説明 - LC72714

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com